Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI1221 Datasheet(PDF) 47 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 47 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 43Page - Texas Instruments PCI1221 Datasheet HTML 44Page - Texas Instruments PCI1221 Datasheet HTML 45Page - Texas Instruments PCI1221 Datasheet HTML 46Page - Texas Instruments PCI1221 Datasheet HTML 47Page - Texas Instruments PCI1221 Datasheet HTML 48Page - Texas Instruments PCI1221 Datasheet HTML 49Page - Texas Instruments PCI1221 Datasheet HTML 50Page - Texas Instruments PCI1221 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
status register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Status
Type
R/C
R/C
R/C
R/C
R/C
R
R
R/C
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
Register:
Status
Type:
Read only, read/clear (see individual bit descriptions)
Offset:
06h (functions 0, 1)
Default:
0210h
Description: The status register provides device information to the host system. Bits in this register may be
read normally. A bit in the status register is reset when a 1 is written to that bit location; a 0
written to a bit location has no effect. All bit functions adhere to the definitions in the PCI Local
Bus Specification 2.2. PCI bus status is shown through each function. See Table 17 for the
complete description of the register contents.
Table 17. Status Register
BIT
SIGNAL
TYPE
FUNCTION
15
PAR_ERR
R/C
Detected parity error. Bit 15 is set when a parity error is detected (either address or data).
14
SYS_ERR
R/C
Signaled system error. Bit 14 is set when SERR is enabled and the PCI1221 signals a system error to the
host.
13
MABORT
R/C
Received master abort. Bit 13 is set when a cycle initiated by the PCI1221 on the PCI bus has been
terminated by a master abort.
12
TABT_REC
R/C
Received target abort. Bit 12 is set when a cycle initiated by the PCI1221 on the PCI bus was terminated
by a target abort.
11
TABT_SIG
R/C
Signaled target abort. Bit 11 is set by the PCI1221 when it terminates a transaction on the PCI bus with
a target abort.
10–9
PCI_SPEED
R
DEVSEL timing. These read-only bits encode the timing of DEVSEL and are hardwired 01b, indicating that
the PCI1221 asserts PCI_SPEED at a medium speed on nonconfiguration cycle accesses.
8
DATAPAR
R/C
Data parity error detected.
0 = The conditions for setting bit 8 have not been met.
1 = A data parity error occurred, and the following conditions were met:
a. PERR was asserted by any PCI device including the PCI1221.
b. The PCI1221 was the bus master during the data parity error.
c. The parity error response bit is set in the command.
7
FBB_CAP
R
Fast back-to-back capable. The PCI1221 cannot accept fast back-to-back transactions; thus, bit 7 is
hardwired to 0.
6
UDF
R
User-definable feature support. The PCI1221 does not support the user-definable features; thus, bit 6 is
hardwired to 0.
5
66MHZ
R
66-MHz capable. The PCI1221 operates at a maximum PCLK frequency of 33 MHz; therefore, bit 5 is
hardwired to 0.
4
CAPLIST
R
Capabilities list. Bit 4 is read only and returns 1 when read. This bit indicates that capabilities in addition
to standard PCI capabilities are implemented. The linked list of PCI power-management capabilities is
implemented in this function.
3–0
RSVD
R
Reserved. Bits 3–0 return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com