Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI1221 Datasheet(PDF) 99 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 99 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 95Page - Texas Instruments PCI1221 Datasheet HTML 96Page - Texas Instruments PCI1221 Datasheet HTML 97Page - Texas Instruments PCI1221 Datasheet HTML 98Page - Texas Instruments PCI1221 Datasheet HTML 99Page - Texas Instruments PCI1221 Datasheet HTML 100Page - Texas Instruments PCI1221 Datasheet HTML 101Page - Texas Instruments PCI1221 Datasheet HTML 102Page - Texas Instruments PCI1221 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 123 page
background image
99
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA memory window 0–4 offset-address high-byte register (index 15h, 1Dh, 25h, 2Dh, 35h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA memory window 0–4 offset-address high byte
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
ExCA memory window 0 offset-address high byte
Offset:
CardBus socket address + 815h; Card A ExCA offset 15h
Card B ExCA offset 55h
Register:
ExCA memory window 1 offset-address high byte
Offset:
CardBus socket address + 81Dh; Card A ExCA offset 1Dh
Card B ExCA offset 5Dh
Register:
ExCA memory window 2 offset-address high byte
Offset:
CardBus socket address + 825h; Card A ExCA offset 25h
Card B ExCA offset 65h
Register:
ExCA memory window 3 offset-address high byte
Offset:
CardBus socket address + 82Dh; Card A ExCA offset 2Dh
Card B ExCA offset 6Dh
Register:
ExCA memory window 4 offset-address high byte
Offset:
CardBus socket address + 835h; Card A ExCA offset 35h
Card B ExCA offset 75h
Type:
Read only, read/write (see individual bit descriptions)
Default:
00h
Size:
One byte
Description: These registers contain the high six bits of the 16-bit memory window offset address for
memory windows 0, 1, 2, 3 and 4. The lower six bits of these registers correspond to bits
A25-A20 of the offset address. In addition, the write protection and common/attribute memory
configurations are set in this register. See Table 49 for a complete description of the register
contents.
Table 49. ExCA Memory Window 0–4 Offset-Address High-Byte Register (Index 15h, 1Dh, 25h, 2Dh, 35h)
BIT
SIGNAL
TYPE
FUNCTION
7
WINWP
R/W
Write protect. Bit 7 specifies whether write operations to this memory window are enabled. This bit is
encoded as:
0 = Write operations are allowed (default).
1 = Write operations are not allowed.
6
REG
R/W
Bit 6 specifies whether this memory window is mapped to card attribute or common memory. This bit is
encoded as:
0 = Memory window is mapped to common memory (default).
1 = Memory window is mapped to attribute memory.
5-0
OFFHB
R/W
Offset-address high byte. Bits 5-0 represent the upper address bits A25-A20 of the memory window
offset address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com