Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI1221 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 9Page - Texas Instruments PCI1221 Datasheet HTML 10Page - Texas Instruments PCI1221 Datasheet HTML 11Page - Texas Instruments PCI1221 Datasheet HTML 12Page - Texas Instruments PCI1221 Datasheet HTML 13Page - Texas Instruments PCI1221 Datasheet HTML 14Page - Texas Instruments PCI1221 Datasheet HTML 15Page - Texas Instruments PCI1221 Datasheet HTML 16Page - Texas Instruments PCI1221 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
PCI address and data
TERMINAL
NAME
PIN NUMBER
I/O
TYPE
FUNCTION
NAME
PDV
GHK
TYPE
AD31
AD30
AD29
AD28
AD27
AD26
AD25
AD24
AD23
AD22
AD21
AD20
AD19
AD18
AD17
AD16
AD15
AD14
AD13
AD12
AD11
AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
170
171
173
174
176
177
165
179
183
184
185
186
188
189
190
191
204
205
206
208
172
2
3
4
6
8
9
10
11
12
14
15
A13
E12
B12
A12
B11
C11
E13
F11
E10
F10
A9
B9
F9
E9
A8
B8
F6
B5
E6
A4
C12
E3
F5
G6
E1
F2
G5
F1
H6
G3
G1
H5
I/O
PCI address/data bus. These signals make up the multiplexed PCI address and data bus on the primary
interface. During the address phase of a primary bus PCI cycle, AD31-AD0 contain a 32-bit address or
other destination information. During the data phase, AD31-AD0 contain data.
C/BE3
C/BE2
C/BE1
C/BE0
162
192
203
5
A15
C8
A5
E2
I/O
PCI bus commands and byte enables. These signals are multiplexed on the same PCI terminals. During
the address phase of a primary bus PCI cycle, C/BE3–C/BE0 define the bus command. During the data
phase, this 4-bit bus is used as byte enables. The byte enables determine which byte paths of the full 32-bit
data bus carry meaningful data. C/BE0 applies to byte 0 (AD7–AD0), C/BE1 applies to byte 1
(AD15–AD8), C/BE2 applies to byte 2 (AD23–AD16), and C/BE3 applies to byte 3 (AD31–AD24).
PAR
202
C6
I/O
PCI bus parity. In all PCI bus read and write cycles, the PCI1221 calculates even parity across the
AD31–AD0 and C/BE3–C/BE0 buses. As an initiator during PCI cycles, the PCI1221 outputs this parity
indicator with a one-PCLK delay. As a target during PCI cycles, the calculated parity is compared to the
initiator’s parity indicator. A compare error results in the assertion of a parity error (PERR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com