Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI1221 Datasheet(PDF) 89 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 89 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 85Page - Texas Instruments PCI1221 Datasheet HTML 86Page - Texas Instruments PCI1221 Datasheet HTML 87Page - Texas Instruments PCI1221 Datasheet HTML 88Page - Texas Instruments PCI1221 Datasheet HTML 89Page - Texas Instruments PCI1221 Datasheet HTML 90Page - Texas Instruments PCI1221 Datasheet HTML 91Page - Texas Instruments PCI1221 Datasheet HTML 92Page - Texas Instruments PCI1221 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 123 page
background image
89
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA card status-change-interrupt configuration register (index 05h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA status-change-interrupt configuration
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
ExCA card status-change-interrupt configuration
Type:
Read/write (see individual bit descriptions)
Offset:
CardBus socket address + 805h; Card A ExCA offset 05h
Card B ExCA offset 45h
Default:
00h
Description: This register controls interrupt routing for card status-change interrupts, as well as masking
CSC interrupt sources. See Table 44 for a complete description of the register contents.
Table 44. ExCA Card Status-Change-Interrupt Configuration Register (Index 05h)
BIT
SIGNAL
TYPE
FUNCTION
7-4
CSCSELECT
R/W
Interrupt select for card status change. Bits 7-4 select the interrupt routing for card status change
interrupts. This field is encoded as:
0000 = No interrupt routing (default)
0001 = IRQ1 enabled
0010 = SMI enabled
0011 = IRQ3 enabled
0100 = IRQ4 enabled
0101 = IRQ5 enabled
0110 = IRQ6 enabled
0111 = IRQ7 enabled
1000 = IRQ8 enabled
1001 = IRQ9 enabled
1010 = IRQ10 enabled
1011 = IRQ11 enabled
1100 = IRQ12 enabled
1101 = IRQ13 enabled
1110 = IRQ14 enabled
1111 = IRQ15 enabled
3
CDEN
R/W
Card detect enable. Bit 3 enables interrupts on CD1 or CD2 changes. This bit is encoded as:
0 = Disables interrupts on CD1 or CD2 line changes (default)
1 = Enables interrupts on CD1 or CD2 line changes
2
READYEN
R/W
Ready enable. Bit 2 enables/disables a low-to-high transition on PC Card READY to generate a host
interrupt. This interrupt source is considered a card status change. This bit is encoded as:
0 = Disables host interrupt generation (default)
1 = Enables host interrupt generation
1
BATWARNEN
R/W
Battery Warning Enable. Bit 1 enables/disables a battery warning condition to generate a CSC interrupt.
This bit is encoded as:
0 = Disables host interrupt generation (default)
1 = Enables host interrupt generation
0
BATDEADEN
R/W
Battery dead enable. Bit 0 enables/disables a battery dead condition on a memory PC Card or assertion
of the STSCHG I/O PC Card signal to generate a CSC interrupt.
0 = Disables host interrupt generation (default)
1 = Enables host interrupt generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com