Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0034 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 10Page - STMicroelectronics UM0034 Datasheet HTML 11Page - STMicroelectronics UM0034 Datasheet HTML 12Page - STMicroelectronics UM0034 Datasheet HTML 13Page - STMicroelectronics UM0034 Datasheet HTML 14Page - STMicroelectronics UM0034 Datasheet HTML 15Page - STMicroelectronics UM0034 Datasheet HTML 16Page - STMicroelectronics UM0034 Datasheet HTML 17Page - STMicroelectronics UM0034 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Emulation configuration
ST7-EMU3 series emulator
14/39
4
Emulation configuration
In the emulation configuration, the ST7-EMU3 emulator provides you with a full range of
emulation features to make building and debugging your application fast and easy. The
following sections provide information about the emulation configuration, including
descriptions of:
●
Section 4.2 – system architecture
●
Section 4.1 – overall emulation features
●
Section 4.3 – ST Micro Connect box features
●
Section 4.4 – EMU3 probe features
●
Section 4.5 – the dual configuration capability
●
Section 4.6 – automatic firmware updating
●
Section 4.7 – product limitations and discrepancies
4.1
Emulation features
The features described below are common to all ST7 EMU3 emulators:
●
Link to host PC via USB, 10 MHz Ethernet and parallel port connections.
●
2.5 to 5.5 V operating voltage (refer to your ST7xxxx Datasheet).
●
Programmable internal CPU clock with frequency up to 24 MHz, depending on your
ST7 (see your ST7xxxx Datasheet).
●
256k x 112-bit real-time trace (address, data and control buses).
●
Advanced breakpoints based on a 4-level logical sequencer that allows you to perform
specific actions upon the occurrence of an event or series of events. Advanced
breakpoints functionality provides flexibility of use, permits simple or multi-level
breakpoint conditions, control of trace recording and triggering of output signals.
●
9 external input triggers, which are recorded in the trace and can be used as signal
events in the advanced breakpoints. Input triggers include:
–
1 input trigger via SUB-click connector on the ST Micro Connect box
–
8 input triggers on analyzer input
●
2 output triggers via SUB-click connectors on the ST Micro Connect box.
●
Full access to entire 64 KB of ST7 memory. Read/write privileges on the entire memory
space (see Section 4.7.2 on page 23, regarding limitations). Granularity of memory
mapping is 1.
●
Read/Write on-the-fly feature allows you to intrusively read or write to memory while
executing your application.
●
Easily upgradable – the PLDs and firmware of the ST Micro Connect and the EMU3
probe are updated automatically by STVD7.
●
Easily expandable – you can change the emulation target (i.e. the type of ST7 to be
emulated) easily and economically by changing the target emulation board (TEB) in the
EMU3 probe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com