Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0034 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 15Page - STMicroelectronics UM0034 Datasheet HTML 16Page - STMicroelectronics UM0034 Datasheet HTML 17Page - STMicroelectronics UM0034 Datasheet HTML 18Page - STMicroelectronics UM0034 Datasheet HTML 19Page - STMicroelectronics UM0034 Datasheet HTML 20Page - STMicroelectronics UM0034 Datasheet HTML 21Page - STMicroelectronics UM0034 Datasheet HTML 22Page - STMicroelectronics UM0034 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
ST7-EMU3 series emulator
Emulation configuration
19/39
4.3.3
Power supply
The power supply for your emulator connects to the rear panel of the ST7 Micro Connect
box (see Figure 18). When you connect the power supply be sure to:
1.
Ensure that the operating voltage (110 Volts/220 Volts), which is indicated on the label
on the power supply, matches your mains supply. Contact your dealer if this voltage
does not correspond to your mains supply.
2.
Connect the external power supply provided with the emulator to the rear panel of the
ST Micro Connect box using the 5-pin DIN connector.
3.
Plug the power supply into the mains using the supply cable provided.
AC voltage: 100 V to 240 V
Frequency: 50 to 60 Hz
4.3.4
Output and Input triggers
Your ST Micro Connect box has two output triggers (OUT1, OUT2), and one input trigger
(IN), which are available via SUB-click connectors located on the front panel (see
Figure 17). Both input and output signals are at TTL level.
Advanced Breakpoints in STVD7, allow you to define an event based on input signals (see
also Section 4.4.3 on page 22), and program signals to the output triggers.
The following trigger output modes (schematically represented in Figure 20) are supported:
●
Output a pulse—where a signal of value 1 is sent during exactly one memory cycle.
●
Toggle—where the signal value is changed from 0 to 1 or from 1 to 0.
●
Set the output high —where the output signal is set equal to 1.
●
Set the output low—where the output signal is set equal to 0.
Several examples of how to program Advanced Breakpoints to control the sending of signals
to the output triggers are given in STVD7’s online help and user manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com