Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0034 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 14Page - STMicroelectronics UM0034 Datasheet HTML 15Page - STMicroelectronics UM0034 Datasheet HTML 16Page - STMicroelectronics UM0034 Datasheet HTML 17Page - STMicroelectronics UM0034 Datasheet HTML 18Page - STMicroelectronics UM0034 Datasheet HTML 19Page - STMicroelectronics UM0034 Datasheet HTML 20Page - STMicroelectronics UM0034 Datasheet HTML 21Page - STMicroelectronics UM0034 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Emulation configuration
ST7-EMU3 series emulator
18/39
4.3.2
Probe connection cables
The ST Micro Connect box connects to your EMU3 probe via the two 80-wire flat cables
coming from the front panel. When you receive your emulator, the ST Micro Connect box
and the probe should already be connected (see Figure 19).
Figure 19.
Connecting the 80-pin cables to the EMU3 probe
To disconnect or reconnect the cables, do the following:
To disconnect the probe
1.
Power off your application board and the ST Micro Connect box.
2.
Unplug the long, 80-wire flat cable that is connected to port number 2 on top of the
probe. Grasp the sides of the plug, squeeze to release the two metal locks and pull
upwards, unplugging the cable from the port.
3.
Unplug the short, 80-wire flat cable that is connected to port number 1 in the same
manner.
To reconnect the probe
Plug the 80-wire flat cables back into their ports.
●
The short 80-wire flat cable (bottom) always plugs into port number 1.
●
The long 80-wire flat cable (top) always plugs into port number 2 (see Figure 19).
Upper cable (long)
Lower cable (short)
Micro Connect ports
EMU3 probe
ST Micro Connect box
12
&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com