Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0034 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 29Page - STMicroelectronics UM0034 Datasheet HTML 30Page - STMicroelectronics UM0034 Datasheet HTML 31Page - STMicroelectronics UM0034 Datasheet HTML 32Page - STMicroelectronics UM0034 Datasheet HTML 33Page - STMicroelectronics UM0034 Datasheet HTML 34Page - STMicroelectronics UM0034 Datasheet HTML 35Page - STMicroelectronics UM0034 Datasheet HTML 36Page - STMicroelectronics UM0034 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
ST7-EMU3 series emulator
Glossary
33/39
I2C (Inter-integrated circuit)
A protocol for a bus that can be connected to multiple integrated circuits and that allows
any one of them to initiate data transfer.
ICC (In-circuit communication)
A device communication protocol that is stored in the ST7 microcontroller’s system
memory. This protocol makes it possible to download programs to the MCU’s RAM and
execute them. This protocol enables in-circuit programming and debugging.
ICC monitor
Software that handles the ICC protocol, embedded in a reserved memory area of the
ST7 Flash microcontroller. At RESET, using specific signal sequence, the ST7 jumps to
this ICC monitor which allows it to download programs in RAM and to execute them.
This feature is used for in-circuit programming and debugging.
ICD (In-circuit debugging)
The capability to debug an application on a FLASH device using on-chip resources
(Debug Module, MTC), made possible by the ICC protocol.
ICP (In-circuit programming)
The capability to program to ST7 FLASH memory while the microcontroller is plugged
into the application board, made possible by the ICC protocol.
LVD (Low voltage detection)
A feature available on all of the ST7s. A LVD push button allows you to simulate what
occurs when the MCU detects that the supply voltage is below a given threshold.
MCU (Microcontroller)
Also referred to as the “target device” in this manual. This is the core product (or family
of products) for which the Development is designed to act as an emulator and
programming tool. In general terms, an MCU is a complete computer system, including
a CPU, memory, a clock oscillator and I/O on a single integrated circuit.
MTC (Memory trace controller)
An ST7 hardware peripheral that allows the user to record hardware cycles in a
specified block of memory (buffer) when in-circuit debugging. Allows recording in either
circular mode, continuously recording and replacing the oldest record, or linear mode,
recording until the buffer is full.
OTP (One time programmable)
Also referred to as OTPROM (one time programmable read-only memory). A non-
volatile type of memory that can be programmed but cannot be erased. An OTP ROM
is an EPROM MCU that is packaged in an opaque plastic package—it is called a one-
time programmable MCU because there is no way to expose the EPROM to a UV light
source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com