Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0034 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 13Page - STMicroelectronics UM0034 Datasheet HTML 14Page - STMicroelectronics UM0034 Datasheet HTML 15Page - STMicroelectronics UM0034 Datasheet HTML 16Page - STMicroelectronics UM0034 Datasheet HTML 17Page - STMicroelectronics UM0034 Datasheet HTML 18Page - STMicroelectronics UM0034 Datasheet HTML 19Page - STMicroelectronics UM0034 Datasheet HTML 20Page - STMicroelectronics UM0034 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
ST7-EMU3 series emulator
Emulation configuration
17/39
Figure 17.
ST Micro Connect box front panel
Rear panel
The rear panel houses the following connectors:
●
RS232 serial connector.
●
USB port connector.
●
Ethernet connector.
●
parallel port connector.
●
power input connector.
Figure 18.
ST Micro Connect box back panel
ST MICRO CONNECT
Ext Link
Triggers
OUT1
IN
OUT2
RESET RUN
‚
WAIT
... ..... .....
.....
.....
...
OFF
ON
EMU3 EMULATOR
Ports for two 80-pin flat
ST Micro Connect cables
SMB input trigger
connection port
Two SMB output
trigger connection ports
Power On/Off switch
and Power on LED
Emulator status LEDs
26-pin Ext Link for ICC connection
Power supply connector
Parallel port connector
LEDs
RX TX
Ethernet
PWR
+5V@8A
SERIAL
..... .....
..
..... .....
...
PARALLEL
ETHERNET
®
.
.
.
USB
....
.....
USB
RS232 connector
.
.
connector
connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com