Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0034 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 20Page - STMicroelectronics UM0034 Datasheet HTML 21Page - STMicroelectronics UM0034 Datasheet HTML 22Page - STMicroelectronics UM0034 Datasheet HTML 23Page - STMicroelectronics UM0034 Datasheet HTML 24Page - STMicroelectronics UM0034 Datasheet HTML 25Page - STMicroelectronics UM0034 Datasheet HTML 26Page - STMicroelectronics UM0034 Datasheet HTML 27Page - STMicroelectronics UM0034 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
In-circuit communication configuration
ST7-EMU3 series emulator
24/39
5
In-circuit communication configuration
In the in-circuit communication configuration, the ST7-EMU3 emulator provides the
capability to program your application to your microcontroller and to debug your application
as it runs on your ST7. The following sections provide information about:
●
Section 5.1 – the system architecture
●
Section 5.2 – ICC connection requirements
●
Section 5.3 – ICC Add-on features
●
Section 5.4 – the ST Micro Connect boxes’ dual configuration capability
5.1
System architecture and development features
The ST7-EMU3 emulator comes with an in-circuit communication (ICC) Add-on. This
connection device allows users to take advantage of the ICC protocol for in-circuit
programming (ICP) and debugging (ICD) on ST7s with XFLASH or HDFLASH memory. In
conjunction with ST7 Visual Pr-ogrammer (STVP7) and ST7 Visual Develop (STVD7)
software, this device makes it possible to program your application software to the ST7 on
your application board and then debug your application while it runs on your ST7 (see
Figure 23).
In the in-circuit communication configuration, the ICC Add-on serves as the hardware
interface for connecting your ST Micro Connect box to the ST7 on your application board.
During application development, STVD7 software running on your PC provides an
integrated development environment that allows you to debug your application while it runs
on an ST7 that has debug modules. STVD7’s in-circuit debugging features include
advanced breakpoints, as well as trace recording for MCUs with a memory trace controller
(MTC) module. For more information about in-circuit debugging with STVD7, refer to the
STVD7 User Manual provided with your software package.
Once you have finalized your application, STVP7 software provides a graphical interface for
verifying memory sectors, checking the settings of the option bytes and programming the
MCU. For more information about programming with STVP7, refer to the STVP7 online help
provided with your software package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com