Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0034 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 23Page - STMicroelectronics UM0034 Datasheet HTML 24Page - STMicroelectronics UM0034 Datasheet HTML 25Page - STMicroelectronics UM0034 Datasheet HTML 26Page - STMicroelectronics UM0034 Datasheet HTML 27Page - STMicroelectronics UM0034 Datasheet HTML 28Page - STMicroelectronics UM0034 Datasheet HTML 29Page - STMicroelectronics UM0034 Datasheet HTML 30Page - STMicroelectronics UM0034 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
ST7-EMU3 series emulator
In-circuit communication configuration
27/39
Isolation of the RESET pin
During an ICC session, you must ensure that the emulator controls the ST7’s RESET pin so
that no external reset is generated by the application. This can lead to a conflict if the
application reset circuitry signal exceeds 5mA (push-pull output or pull-up resistor <1k). To
avoid such conflicts, a Shottky diode can be used to isolate the application reset circuit.
ICCSEL/VPP pin
The application pull-down resistor must not be lower than 10 k
Ω.
ICCOSC pin
The ICCOSC pin of the ICC connector must be connected to the ST7’s OSC1 or OSCIN pin
if the clock is not provided by the application, or if the application clock source is not
programmed in the option byte. This connection allows you to start your ICP session using
the ICP OPT Disable mode when programming, or the Start with External Clock (Ignore
Option Bytes) feature when debugging. In this case, the ICC Add-on provides a clock
source to initiate communication with the ST7. Your emulator with ICC Add-on provides a
clock source at a frequency of 8 MHz.
For ST7 devices with multi-oscillator capability, when the ICCOSC pin is connected, the
OSC2 pin should be grounded.
If your application provides a clock signal and you are certain that it is programmed in the
ST7’s option byte, you can start your ICP session using the ICP OPT Enable mode and
when starting your ICD session it is not necessary to use the Start with External Clock
(Ignore Option Bytes) feature in STVD7. In this case, your application clock source
provides the clock signal for initiating communication with your ST7 and ICCOSC is not
connected to your ST7.
VDD_APPLI pin
Not connected as EMU3 emulator’s power supply follower is not used with the ICC Add-on.
ICC cable
Your EMU3 emulator includes a 30cm long ICC cable for connecting to the ICC connector
on your application board. You can use a cable up to 2 meters long.
Table 4.
Typical ICC cable characteristics
Characteristic
Typical measurement
ICC cable image
Pitch
1.27 mm
Section
0.09 mm2
Impedance
100 Ohms
Nominal Voltage
300 V
Max. Current
1 A
Temperature
-10°C to +105° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com