Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0034 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0034
Description  Getting Started
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0034 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0034 Datasheet HTML 27Page - STMicroelectronics UM0034 Datasheet HTML 28Page - STMicroelectronics UM0034 Datasheet HTML 29Page - STMicroelectronics UM0034 Datasheet HTML 30Page - STMicroelectronics UM0034 Datasheet HTML 31Page - STMicroelectronics UM0034 Datasheet HTML 32Page - STMicroelectronics UM0034 Datasheet HTML 33Page - STMicroelectronics UM0034 Datasheet HTML 34Page - STMicroelectronics UM0034 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
ST7-EMU3 series emulator
Troubleshooting
31/39
Error 30103
The required EMU3 emulator is
already in use by another process.
This error occurs if STVD7 tries to initialize a new debugging session with
the emulator while it is running another application.
This scenario could occur in two ways:
If you exit STVD7 and the emulator running an application (i.e. if you
perform a Stop Debug command while the application is running, a
dialog box will appear giving you the option to exit STVD7 while
leaving the application running on the emulator). If you still want to
initialize a new debugging session with STVD7, you must stop the
application running on the emulator by performing a hard reset
(ON/OFF) on the ST Micro Connect box.
The emulator is shared by several users on a network, and is in use
by another user.
Error 40805
Failure when setting required clock.
You have selected an external clock frequency which is outside of the
supported range. Please refer to your ST7xxxx-EMU3 Probe User Guide for
a listing of supported external clock frequencies.
Error 40806
Required clock is not active and
cannot be selected (example - no
signal on external clock)
You have selected the external clock option, but there is no external clock
signal being received. Check that:
You have connected an external clock to your application board.
You have turned on the power source to the external clock.
Error 41001
EMU3 Probe (or one of its boards) is
not properly connected. Verify all
connections between
ST Micro Connect box and TEB.
This error means that ST Micro Connect cannot communicate with the
emulation hardware in the EMU3 probe. Ensure that:
The flat cables linking the EMU3 probe and the ST Micro Connect
box are properly connected (i.e. not twisted or disconnected).
There is an EMU3 TEB installed in the EMU3 probe. See your
ST7xxxx-EMU3 Probe User Guide for more information on removing
and installing TEBs in the EMU3 probe.
Error 41103
Emulation hardware not recognized
or bad connection between
ST Micro Connect and EMU3 probe.
This error arises when there is a communication problem with the CEB
board in the EMU3 Probe. Ensure that the flat cables between the
ST Micro Connect box and the EMU3 probe are not reversed—see
Section 4.3.2 on page 18 for more information.
This error can also occur if your emulation hardware (for example, the TEB)
is more recent than the version of STVD7 installed on your PC.
Ensure that if you install a new TEB, you have reinstalled the version of
STVD7 delivered on the Microcontroller Development Tools provided with
the TEB. Note that all versions of STVD7 are backwards compatible, and
therefore, updating versions will not cause any incompatibility with older
hardware.
Error 41104
Emulation hardware not recognized
or probe internal communication
error.
This error means that there is a problem with one of the probe boards, the
DEB. The problem may be due to one of the following:
The connection between the CEB and DEB is faulty.
There is a fault in the DEB board itself.
To resolve this error, contact STMicroelectronics Product Support.
Table 5.
Error messages (continued)
If the following error occurs:
Then...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com