| Electronic Components Datasheet Search |
|
SH7262 Datasheet(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7262 Datasheet(HTML) 5 Page - Renesas Technology Corp |
|
5 / 45 page ![]() SH7262/SH7264 Group High-speed Read/Write Serial Flash Memory Using the Renesas Serial Peripheral Interface REJ06B0889-0100/Rev.1.00 June 2009 Page 5 of 45 2.3 Interface Timing Example When Accessing in High-speed This section describes an example of the interface timing when accessing serial flash memory in high-speed. The interface timing by the typical procedure to control the SPI is explained, as well as the procedure to read/write serial flash memory in high-speed. 2.3.1 Interface Timing by the Typical Procedure to Control SPI Figure 2 shows an example of the data transfer timing by the typical procedure to control SPI. According to the specifications of the serial flash memory used in this application, both master and slave output data on the falling edge of the clock, and latch data on the rising edge of the clock after a half cycle later. This procedure supports full-duplex communication. For details on this procedure, refer to the application note "SH7262/SH7264 Group Interfacing Serial Flash Memory Using the Renesas Serial Peripheral Interface". SSL00 RSPCK0 MOSI0 MISO0 tsu tH tV tOH txxx : Timing conditions for serial flash memory tDH tDS tOD tOH tLEAD tCSLS tCSLH tLAG tTD tCSH : Timing for latching data tSPcyc fSCK bit 0 bit 1 bit 7 Figure 2 Data Transfer Timing Example by the Typical Procedure to Control SPI (CPOL = 1, CPHA =1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |