Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7262 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # SH7262
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7262 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button SH7262 Datasheet HTML 29Page - Renesas Technology Corp SH7262 Datasheet HTML 30Page - Renesas Technology Corp SH7262 Datasheet HTML 31Page - Renesas Technology Corp SH7262 Datasheet HTML 32Page - Renesas Technology Corp SH7262 Datasheet HTML 33Page - Renesas Technology Corp SH7262 Datasheet HTML 34Page - Renesas Technology Corp SH7262 Datasheet HTML 35Page - Renesas Technology Corp SH7262 Datasheet HTML 36Page - Renesas Technology Corp SH7262 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 33 of 45
3.15
Sample Program Listing "serial_flash.c" (12/19)
471
472
473
474
475
476
477
478
479
480
481
482
483
484
485
486
487
488
489
490
491
492
493
494
495
496
497
498
499
500
501
502
503
504
505
506
507
508
509
510
511
512
513
514
/*""FUNC COMMENT""**************************************************************
* ID
:
* Outline
: Execute command (No read data).
*------------------------------------------------------------------------------
* Include
:
*------------------------------------------------------------------------------
* Declaration
: static void io_cmd_exe(unsigned char *ope, int ope_sz,
*
:
unsigned char *data,int data_sz)
*------------------------------------------------------------------------------
* Description
: Executes the specified command.
*
: Transmits the argument ope, and then transmits the argument data.
*
: Discards the received data.
*
: Set one of the values between 0 and 8 in the ope_sz.
*
: Set one of the values between 0 and 256 in the data_sz.
*------------------------------------------------------------------------------
* Argument
: unsigned char *ope ; I : Start address of the opcode block and
*
address block to transmit
*
: int ope_sz
; I : Number of bytes in the opcode block and
*
address block
*
: unsigned char *data; I : Start address of the data block to transmit
*
: int data_sz
; I : Number of bytes in the data block
*------------------------------------------------------------------------------
* Return Value : void
*------------------------------------------------------------------------------
* Note
: None
*""FUNC COMMENT END""**********************************************************/
static void io_cmd_exe(unsigned char *ope, int ope_sz, unsigned char *data, int data_sz)
{
unsigned char tmp;
/* ==== Resets buffer ==== */
RSPI0.SPBFCR.BYTE
= 0xC0u;
RSPI0.SPBFCR.BYTE
= 0x00u;
/* ---- Enables the SPI transfer ---- */
RSPI0.SPCR.BIT.SPE = 1;
/* ==== MOSI (command, address, write data) ==== */
RSPI0.SPCMD0.BIT.CPOL= 1;
/* RSPCK when idling is 1 */
RSPI0.SPCMD0.BIT.CPHA= 0;
/* Outputs data on even (rising) edge */
while(ope_sz--){
RSPI0.SPDR.BYTE = *ope++;
/* Command size must be equal or less than 8 bytes */
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com