Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7262 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SH7262
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7262 Datasheet(HTML) 2 Page - Renesas Technology Corp

  SH7262 Datasheet HTML 1Page - Renesas Technology Corp SH7262 Datasheet HTML 2Page - Renesas Technology Corp SH7262 Datasheet HTML 3Page - Renesas Technology Corp SH7262 Datasheet HTML 4Page - Renesas Technology Corp SH7262 Datasheet HTML 5Page - Renesas Technology Corp SH7262 Datasheet HTML 6Page - Renesas Technology Corp SH7262 Datasheet HTML 7Page - Renesas Technology Corp SH7262 Datasheet HTML 8Page - Renesas Technology Corp SH7262 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 2 of 45
1.
Introduction
1.1
Specifications
• Use the serial flash memory of 2 MB (64 KB x 32 sectors, 256 bytes per page) to connect with the SH7264 MCU.
• Use channel 0 of the RSPI to access serial flash memory.
• Procedures are optimized to access the large volume data in high-speed.
1.2
Modules Used
• Renesas Serial Peripheral Interface (RSPI)
• General-purpose I/O ports
1.3
Applicable Conditions
MCU
SH7262/SH7264
Operating Frequency
Internal clock: 144 MHz
Bus clock: 72 MHz
Peripheral clock: 36 MHz
Integrated Development
Environment
Renesas Technology Corp.
High-performance Embedded Workshop Ver.4.04.01
C compiler
Renesas Technology SuperH RISC engine Family
C/C++ compiler package Ver.9.02 Release 00
Compiler options
Default setting in the High-performance Embedded Workshop
(-cpu=sh2afpu -fpu=single -object="$(CONFIGDIR)\$(FILELEAF).obj" -debug -
gbr=auto -chgincpath -errorpath -global_volatile=0 -opt_range=all -
infinite_loop=0 -del_vacant_loop=0 -struct_alloc=1 –nologo)
1.4
Related Application Note
Refer to the related application notes as follows:
• SH7262/SH7264 Group Example of Initialization
• SH7262/SH7264 Group Interfacing Serial Flash Memory Using the Renesas Serial Peripheral Interface
• SH7262/SH7264 Group Boot from the Serial Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com