Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7262 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # SH7262
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7262 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button SH7262 Datasheet HTML 28Page - Renesas Technology Corp SH7262 Datasheet HTML 29Page - Renesas Technology Corp SH7262 Datasheet HTML 30Page - Renesas Technology Corp SH7262 Datasheet HTML 31Page - Renesas Technology Corp SH7262 Datasheet HTML 32Page - Renesas Technology Corp SH7262 Datasheet HTML 33Page - Renesas Technology Corp SH7262 Datasheet HTML 34Page - Renesas Technology Corp SH7262 Datasheet HTML 35Page - Renesas Technology Corp SH7262 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
REJ06B0889-0100/Rev.1.00
June 2009
Page 32 of 45
3.14
Sample Program Listing "serial_flash.c" (11/19)
440
441
442
443
444
445
446
447
448
449
450
451
452
453
454
455
456
457
458
459
460
461
462
463
464
465
466
467
468
469
470
/* ==== RSPI ==== */
RSPI0.SPCR.BYTE
=
0x00;
/* Disables channel 0 of the RSPI */
RSPI0.SPPCR.BYTE
=
0x30;
/* MOSI idle fixed value = 1 */
RSPI0.SPBR.BYTE
= 0x00;
/* Specifies the base bit rate as 36 MHz
(Bus clock = 72 MHz) */
RSPI0.SPDCR.BYTE
=
0x20;
/* Disables to transmit the dummy data */
/* Access width to the SPDR register: 8-bit */
RSPI0.SPCKD.BYTE
=
0x00;
/* RSPCK delay: 1 RSPCK */
RSPI0.SSLND.BYTE
=
0x00;
/* SSL negate delay: 1 RSPCK */
RSPI0.SPND.BYTE
=
0x00;
/* Next access delay: 1 RSPCK + 2 Bus clocks */
RSPI0.SPSCR.BYTE
=
0x00;
/* Sequence length: 1 (SPCMD0 is only used) */
RSPI0.SPCMD0.WORD = 0xE780; /* MSB first */
/* Data length: 8-bit */
/* Keeps the SSL signal level after transfer
is completed */
/* Bit rate: Base bit rate is not divided */
/* RSPCK when idling is 0 */
/* Latches data on odd edge, outputs data on even edge */
RSPI0.SPBFCR.BYTE =
0xC0;
/* Enables to reset data in the
transmit/receive buffer */
RSPI0.SPBFCR.BYTE =
0x00;
/* Disables to reset data in the
transmit/receive buffer */
/* Number of triggers in transmit buffer:
more than one byte available */
/* Number of triggers in receive buffer:
more than one byte received */
RSPI0.SSLP.BYTE
=
0x00;
/* SSLP = b'0 SSL signal 0-active */
RSPI0.SPCR.BYTE
=
0x48;
/* Master mode */
/* Disables interrupts */
/* Enables channel 0 of the RSPI */
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com