Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
26
Output pin slew rate (standard drive)
tps
25 pF
50 pF
0.23/0.32
0.13/0.20
0.40/0.55
0.23/0.34
0.66/0.87
0.38/0.52
V/ns
Output pin di/dt (max. drive)
tdit
25 pF
50 pF
7
7
43
46
112
118
mA/ns
Output pin di/dt (high drive)
tdit
25 pF
50 pF
11
12
31
33
81
85
mA/ns
Output pin di/dt (standard
drive)
tdit
25 pF
50 pF
9
10
27
28
71
74
mA/ns
Table 18. AC Electrical Characteristics of GPIO Pins in Slow Slew Rate Mode
[NVCC = 2.25 V–2.75 V]
Parameter
Symbol
Test Condition
Min.
Rise/Fall
Typ.
Max.
Rise/Fall
Units
Duty cycle
Fduty
—
40
—
60
%
Output pin slew rate (max. drive)
tps
25 pF
40 pF
50 pF
0.63/0.85
0.52/0.67
0.41/0.59
1.10/1.40
0.90/1.10
0.73/0.99
1.86/2.20
1.53/1.73
1.20/1.50
V/ns
Output pin slew rate (high drive)
tps
25 pF
40 pF
50 pF
0.40/0.58
0.33/0.43
0.25/0.37
0.71/0.98
0.56/0.70
0.43/0.60
1.16/1.40
0.93/1.07
0.68/0.90
V/ns
Output pin slew rate (standard drive)
tps
25 pF
40 pF
50 pF
0.24/0.36
0.19/0.25
0.13/0.21
0.41/0.59
0.32/0.35
0.23/0.33
0.66/0.87
0.51/0.59
0.36/0.48
V/ns
Output pin di/dt (max. drive)
tdit
25 pF
50 pF
22
23
62
65
148
151
mA/ns
Output pin di/dt (high drive)
tdit
25 pF
50 pF
15
16
42
44
102
107
mA/ns
Output pin di/dt (standard
drive)
tdit
25 pF
50 pF
7
8
21
22
52
54
mA/ns
Table 19. AC Electrical Characteristics of GPIO Pins in Fast Slew Rate Mode
[NVCC = 2.25 V–2.75 V]
Parameter
Symbol
Test
Condition
Min.
Rise/Fall
Typ.
Max.
Rise/Fall
Units Notes
Duty cycle
Fduty
—
40
—
60
%
—
Table 17. AC Electrical Characteristics, GPIO Pins in Fast Slew Rate Mode
[NVCC = 1.65 V–1.95 V] (continued)
Parameter
Symbol
Test Condition
Min.
Rise/Fall
Typ.
Max.
Rise/Fall
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com