Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 87Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 88Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 89Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 90Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 91Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 92Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 93Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 94Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
91
4.9.13.5.10
Serial Interfaces, Electrical Characteristics
Figure 67 depicts timing of the serial interface. Table 55 lists the timing parameters at display access level.
Figure 67. Asynchronous Serial Interface Timing Diagram
Table 55. Asynchronous Serial Interface Timing Parameters—Access Level
ID
Parameter
Symbol
Min.
Typ.1
Max.
Units
IP48 Read system cycle time
Tcycr
Tdicpr – 1.5
Tdicpr2
Tdicpr + 1.5
ns
IP49 Write system cycle time
Tcycw
Tdicpw – 1.5
Tdicpw3
Tdicpw + 1.5
ns
IP50 Read clock low pulse width
Trl
Tdicdr – Tdicur – 1.5
Tdicdr4 –Tdicur5 Tdicdr – Tdicur + 1.5
ns
IP51 Read clock high pulse width
Trh
Tdicpr – Tdicdr + Tdicur
–1.5
Tdicpr – Tdicdr +
Tdicur
Tdicpr – Tdicdr + Tdicur
+1.5
ns
IP52 Write clock low pulse width
Twl
Tdicdw – Tdicuw – 1.5
Tdicdw6 –
Tdicuw7
Tdicdw – Tdicuw + 1.5
ns
IP53 Write clock high pulse width
Twh
Tdicpw – Tdicdw +
Tdicuw – 1.5
Tdicpw – Tdicdw
+Tdicuw
Tdicpw – Tdicdw +
Tdicuw + 1.5
ns
IP54 Controls setup time for read
Tdcsr
Tdicur – 1.5
Tdicur
—
ns
IP49, IP48
Read Data
IP51, IP53
IP58
IP59
DISPB_SER_RS
DISPB_DATA
DISPB_DATA
(Input)
(Output)
IP56,IP54
IP57, IP55
IP50, IP52
IP61
IP60
IP67,IP65
IP47
IP64, IP66
IP62, IP63
DISPB_SD_D_CLK
read point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com