| Electronic Components Datasheet Search |
|
IMX35 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
IMX35 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc |
|
57 / 148 page ![]() i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6 Freescale Semiconductor 57 80 SCKT rising edge to FST out (wr) high5 — — — — — — 20.0 10.0 x ck i ck ns 81 SCKT rising edge to FST out (wr) low5 — — — — — — 22.0 12.0 x ck i ck ns 82 SCKT rising edge to FST out (wl) high — — — — — — 19.0 9.0 x ck i ck ns 83 SCKT rising edge to FST out (wl) low — — — — — — 20.0 10.0 x ck i ck ns 84 SCKT rising edge to data out enable from high impedance — — — — — — 22.0 17.0 x ck i ck ns 86 SCKT rising edge to data out valid — — — — — — 18.0 13.0 x ck i ck ns 87 SCKT rising edge to data out high impedance 67 — — — — — — 21.0 16.0 x ck i ck ns 89 FST input (bl, wr) setup time before SCKT falling edge5 — — — — 2.0 18.0 — — x ck i ck ns 90 FST input (wl) setup time before SCKT falling edge — — — — 2.0 18.0 — — x ck i ck ns 91 FST input hold time after SCKT falling edge — — — — 4.0 5.0 — — x ck i ck ns 1 i ck = internal clock x ck = external clock i ck a = internal clock, asynchronous mode (asynchronous implies that SCKT and SCKR are two different clocks) i ck s = internal clock, synchronous mode (synchronous implies that SCKT and SCKR are the same clock) 2 bl = bit length wl = word length wr = word length relative 3 SCKT(SCKT pin) = transmit clock SCKR(SCKR pin) = receive clock FST(FST pin) = transmit frame sync FSR(FSR pin) = receive frame sync HCKT(HCKT pin) = transmit high frequency clock HCKR(HCKR pin) = receive high frequency clock 4 For the internal clock, the external clock cycle is defined by Icyc and the ESAI control register. 5 The word-relative frame sync signal waveform relative to the clock operates in the same manner as the bit-length frame sync signal waveform, but it spreads from one serial clock before the first bit clock (like the bit length frame sync signal), until the second-to-last bit clock of the first word in the frame. 6 Periodically sampled and not 100% tested. Table 42. Enhanced Serial Audio Interface Timing (continued) No. Characteristics1,2 Symbol Expression2 Min. Max. Condition3 Unit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |