Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
14
4.2
Power Modes
Table 9 provides descriptions of the power modes of the i.MX35 processor.
Table 9. i.MX35 Power Modes
Power
Mode
Description
QVCC (ARM/L2
Peripheral)
MVDD/PVDD
OSC24M_VDD
OSC_AUDO_VDD
Typ.
Max.
Typ.
Max.
Typ.
Max.
Wait
VDD1,2,3,4 = 1.1 V (min.)
ARM is in wait for interrupt mode.
MAX is active.
L2 cache is kept powered.
MCU PLL is on (400 MHz)
PER PLL is off (can be configured)
(default: 300 MHz)
Module clocks are gated off (can be
configured by CGR register).
OSC 24M is ON.
OSC audio is off (can be configured).
RNGC internal osc is off.
16
mA
—
7.2 mA
—
1.2
mA
—
Doze
VDD1,2,3,4 = 1.1 V (min.)
ARM is in wait for interrupt mode.
MAX is halted.
L2 cache is kept powered.
L2 cache control logic off.
AWB enabled.
MCU PLL is on(400 MHz)
PER PLL is off (can be configured).
(300 Mhz).
Module clocks are gated off (can be
configured by CGR register).
OSC 24M is ON.
OSC audio is off (can be configured)
RNGC internal osc is off
12.4 mA
—
7.2 mA
—
1.2 mA
—
Stop
VDD1,2,3,4 = 1.1 V (min.)
ARM is in wait for interrupt mode.
MAX is halted
L2 cache is kept powered.
L2 cache control logic off.
AWB enabled.
MCU PLL is off.
PER PLL is off.
All clocks are gated off.
OSC 24 MHz is on
OSC audio is off
RNGC internal osc is off
1.1
mA
—
400
µA
—
1.2
mA
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com