Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 40Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 41Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 42Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 43Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
44
WE40A
(muxed
A/D)
CS[x] valid to LBA invalid
WE14 – WE6 + (LBN + LBA + 1
– CSA)
–3 + (LBN + LBA +
1 – CSA)
3 + (LBN + LBA + 1 –
CSA)
ns
WE41
CS[x] valid to Output Data valid
WE16 – WE6 – WCSA
—
3 – WCSA
ns
WE41A
(muxed
A/D)
CS[x] valid to Output Data valid
WE16 – WE6 + (WLBN +
WLBA + ADH + 1 – WCSA)
—
3 + (WLBN + WLBA +
ADH + 1 – WCSA)
ns
WE42
Output Data invalid to CS[x]
Invalid
WE17 – WE7 – CSN
—
3 – CSN
ns
WE43
Input Data valid to CS[x] invalid MAXCO – MAXCSO + MAXDI
MAXCO6 –
MAXCSO7 +
MAXDI8
—ns
WE44
CS[x] invalid to Input Data
invalid
00
—
ns
WE45
CS[x] valid to BE[y] valid (write
access)
WE12 – WE6 + (WBEA – CSA)
—
3 + (WBEA – CSA)
ns
WE46
BE[y] invalid to CS[x] invalid
(write access)
WE7 – WE13 + (WBEN – CSN)
—
–3 + (WBEN – CSN)
ns
WE47
DTACK valid to CS[x] invalid
MAXCO – MAXCSO + MAXDTI
MAXCO6 –
MAXCSO7 +
MAXDTI9
—ns
WE48
CS[x] Invalid to DTACK invalid
0
0
—
ns
1 For the value of parameters WE4–WE21, see column BCD = 0 in Table 30.
2 CS Assertion. This bit field determines when the CS signal is asserted during read/write cycles.
3 CS Negation. This bit field determines when the CS signal is negated during read/write cycles.
4 BE Assertion. This bit field determines when the BE signal is asserted during read cycles.
5 BE Negation. This bit field determines when the BE signal is negated during read cycles.
6 Output maximum delay from internal driving ADDR/control FFs to chip outputs.
7 Output maximum delay from CS[x] internal driving FFs to CS[x] out.
8 DATA maximum delay from chip input data to its internal FF.
9
DTACK maximum delay from chip dtack input to its internal FF.
Note:
All configuration parameters (CSA, CSN, WBEA, WBEN, LBA, LBN, OEN, OEA, RBEA, and RBEN) are in cycle units.
Table 31. WEIM Asynchronous Timing Parameters Relative Chip Select Table (continued)
Ref No.
Parameter
Determination By
Synchronous Measured
Parameters1
Min
Max
(If 133 MHz is
supported by SoC)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com