Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 123Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 124Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 125Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 126Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 127Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 128Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 129Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 130Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
127
Figure 105. USB Transmit Waveform in VP_VM Bidirectional Mode
Figure 106. USB Receive Waveform in VP_VM Bidirectional Mode
Table 87 describes the port timing specification in VP_VM bidirectional mode.
Table 87. USB Port Timing Specification in VP_VM Bidirectional Mode
No.
Parameter
Signal Name
Direction
Min.
Max.
Unit
Condition/
Reference Signal
US18
Tx rise/fall time
USB_DAT_VP
Out
—
5.0
ns
50 pF
US19
Tx rise/fall time
USB_SE0_VM
Out
—
5.0
ns
50 pF
US20
Tx rise/fall time
USB_TXOE_B
Out
—
5.0
ns
50 pF
US21
Tx duty cycle
USB_DAT_VP
Out
49.0
51.0
%
—
US22
Tx overlap
USB_SE0_VM
Out
–3.0
+3.0
ns
USB_DAT_VP
US26
Rx rise/fall time
USB_DAT_VP
In
—
3.0
ns
35 pF
US27
Rx rise/fall time
USB_SE0_VM
In
—
3.0
ns
35 pF
USB_DAT_VP
USB_SE0_VM
US18
US19
Transmit
USB_TXOE_B
US20
US22
US21
US22
USB_DAT_VP
USB_SE0_VM
Receive
US26
US28
US27
US29
USB_RCV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com