Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 134Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 135Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 136Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 137Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 138Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 139Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 140Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 141Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
138
CTS2
G5
FEC_TDATA0
P5
D0
A2
FEC_TDATA1
M4
D1
D4
FEC_TDATA2
M5
D10
D2
FEC_TDATA3
L6
D11
E6
FEC_TX_CLK
P4
D12
E3
FEC_TX_EN
T1
D13
F5
FEC_TX_ERR
N4
D14
D1
FSR
K5
D15
E2
FST
J1
D2
B2
FUSE_VDD
P13
D3
E5
FUSE_VSS
M11
D3_CLS
L17
GPIO1_0
T11
D3_DRDY
L20
GPIO1_1
Y11
D3_FPSHIFT
L15
GPIO2_0
U11
D3_HSYNC
L18
GPIO3_0
V11
D3_REV
M17
HCKR
K2
D3_SPL
M18
HCKT
J5
D3_VSYNC
M19
I2C1_CLK
M20
D4
C3
I2C1_DAT
N17
D5
B1
I2C2_CLK
L3
D6
D3
I2C2_DAT
M1
D7
C2
LBA
D20
D8
C1
LD0
F20
D9
E4
LD1
G18
DE_B
W19
LD10
H20
DQM0
B19
LD11
J18
SDCKE1
D17
LD12
J16
DQM2
D16
LD13
J19
DQM3
C18
LD14
J17
EB0
F18
LD15
J20
EB1
F16
LD16
K14
ECB
D19
LD17
K19
EXT_ARMCLK
V8
LD18
K18
EXTAL_AUDIO
W20
LD19
K20
EXTAL24M
T20
LD2
G17
FEC_COL
P3
LD20
K16
FEC_CRS
N5
LD21
K17
FEC_MDC
R1
LD22
K15
FEC_MDIO
P1
LD23
L19
FEC_RDATA0
P2
LD3
G16
FEC_RDATA1
N2
LD4
G19
FEC_RDATA2
M3
LD5
H16
FEC_RDATA3
N1
LD6
H18
FEC_RX_CLK
R2
LD7
G20
FEC_RX_DV
T2
LD8
H17
FEC_RX_ERR
N3
LD9
H19
Table 91. Silicon Revision 2.1 Signal Ball Map Locations (continued)
Signal ID
Ball Location
Signal ID
Ball Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com