Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7368 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 25Page - Infineon Technologies AG TLE7368 Datasheet HTML 26Page - Infineon Technologies AG TLE7368 Datasheet HTML 27Page - Infineon Technologies AG TLE7368 Datasheet HTML 28Page - Infineon Technologies AG TLE7368 Datasheet HTML 29Page - Infineon Technologies AG TLE7368 Datasheet HTML 30Page - Infineon Technologies AG TLE7368 Datasheet HTML 31Page - Infineon Technologies AG TLE7368 Datasheet HTML 32Page - Infineon Technologies AG TLE7368 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Data Sheet
29
Rev. 1.1, 2007-11-08
TLE7368
Detailed Internal Circuits Description
5.9
Monitoring Circuit
The monitoring block within the TLE7368 detects an undervoltage at the stand-by regulator output and is able to
distinguish between two different undervoltage situations. When the stand-by output gets back into regulation after
an undervoltage event, the timing on the MON_STBY output signal indicates the kind of undervoltage scenario
which has happened before. The behavior of the monitoring block is also described in Figure 6 and Figure 7
below.
In case of an undervoltage at the stand-by regulator with the 5 V regulator LDO1 in regulation (which means that
RO_1 = HIGH) the monitoring circuit has basically a power fail functionality which means that the MON_STBY
output will be LOW just as long as the undervoltage at the stand-by output occurs. As soon as Q_STBY is coming
back into regulation MON_STBY turns high again.
When the 5 V regulator is out of regulation (RO_1 = LOW), e.g. in case of EN_uC = EN_IGN = LOW, the
MON_STBY will turn LOW again if an undervoltage event happens at Q_STBY. The difference to the scenario
described above is now that when Q_STBY gets back into regulation the toggling of the MON_STBY output to
HIGH is coupled with the 5 V Reset line, RO_1, turning HIGH. In detail, the MON_STBY line turns high delayed
by
t
MON_STBY after the Reset line RO_1 had gone high.
Figure 6
Stand by Monitor State Diagram
MON = High
V
Q_STBY < VMON, Q_STBY, de
and
RO_1 = High
Monitor timing
= don’t care
MON = Low
Monitor timing
= no delay *)
MON = Low
Monitor timing
= delay**)
*) power fail functionionality
**) power on reset functionality
V
Q_STBY > VMON, Q_STBY, in
and
RO_1 = High
V
Q_STBY < VMON, Q_STBY, de
and
RO_1 = Low
V
Q_STBY > VMON, Q_STBY, in
and
RO_1 = High
V
Q_STBY < VMON, Q_STBY, de
and
RO_1 = Low
V
Q_STBY > VMON, Q_STBY, in
and
RO_1 = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com