| Electronic Components Datasheet Search |
|
TLE7368 Datasheet(PDF) 32 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7368 Datasheet(HTML) 32 Page - Infineon Technologies AG |
|
32 / 39 page ![]() TLE7368 Detailed Internal Circuits Description Data Sheet 32 Rev. 1.1, 2007-11-08 input WDI. A valid trigger signal is a falling edge from V WDI,high to VWDI,low. After receiving a valid trigger signal within the "Open Window" the watchdog immediately terminates the "Open Window" and enters the "Closed Window" state. The "Closed Window" has a fixed duration t WD,W. During normal operation a trigger signal should not be applied during the "Closed Window. After the "Closed Window" time t WD,W an the watchdog returns back to the "Open Window" state. Within the "Open Window", a valid trigger signal must be applied to the watchdog input WDI. In normal operation, the watchdog continues to cycle between the "Open Window" and "Closed Window" state. If reset signal RO_2 is asserted and transitions to a low state, then the watchdog needs to be reinitialized as described in the Initialization section. The watchdog output WDO stays high as long as the watchdog input WDI is triggered correctly. Valid Trigger Signal: Please refer to Figure 9. Watchdog input WDI is periodically sampled with a period of T WD. A valid trigger signal is a falling edge from V WDI,high to VWDI,low. To improve immunity against noise or glitches on the WDI input, at least two high samples followed two low samples are required for a valid trigger signal. For example, if the first three samples (two HGH one LOW) of the trigger pulse at pin WDI are inside the closed window and only the fourth sample (the second LOW sample) is taken in the open window then the watchdog output WDO will remain High. Invalid Triggering: Please refer to Figure 8 and Figure 9. No trigger signal detected during the "Open Window" or a trigger signal detected during the "Closed Window", is considered invalid triggering. Watchdog output WDO switches to low for a duration of t WD,W immediately after no valid trigger during the "Open Window" or immediately if a trigger signal is detected during the "Closed Window". Fault Operation: If a capacitor failure on the watchdog timing pin RT causes a short circuit to GND, then the internal oscillator stops operating. Without oscillator operation there is no time reference for the watchdog so it does not know when the "Closed Window" period has ended. Thus, every second trigger signal on watchdog input WDI generates a watchdog failure causing WDO to switch from high to low. An open circuit at pin RT also causes WDO to switch from high to low. Figure 9 Window Watchdog Input Signal Validation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |