| Electronic Components Datasheet Search |
|
TLE7368 Datasheet(PDF) 31 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7368 Datasheet(HTML) 31 Page - Infineon Technologies AG |
|
31 / 39 page ![]() Data Sheet 31 Rev. 1.1, 2007-11-08 TLE7368 Detailed Internal Circuits Description 5.10 Watchdog Circuit Figure 8 Window Watchdog State Diagram Principle of Operation: A Window Watchdog is integrated in the TLE7368 to monitor a microcontroller. The Window Watchdog duty cycle consists of an "Open window" and a "Closed window". The microcontroller that is being monitored has to send a periodic falling edge trigger signal to the watchdog input pin WDI within the "Open Window". If a trigger signal is not sent or if it is sent during the "Closed Window", then Watchdog Output (WDO) switches from high to low signaling a potential microcontroller fault has occurred. The watchdog cycle time T WD is derived from the time base T Cycle. An external capacitor connected between pins RT and GND determines TCycle. Initialization: The Watchdog is switched off per default and activated by pulling WDI to low at least for the time t WD,start after RO_2 has turned to high. Watchdog input pin WDI has an integrated pull-up resistor R WDI connected to Q_LDO2. If WDI transitions to high before t WD,start has elapsed, then the watchdog will not start operation. To initialize the Watchdog the watchdog input WDI should transition to high within the "Ignore Window". The WDI signal may also transition to high during the following "Open Window", but sufficient time must be left for a falling edge transition before the end of the "Open Window". The watchdog function is turned off following a RO_2 reset, and must be reinitialized to be turned back on. Normal Operation: Please refer to Figure 8. The Watchdog starts operating in the "Ignore Window" state for a duration of t WD,IW. Within the "Ignore Window" the microcontroller is given time to initialize. Any signal to watchdog input WDI within the "Ignore Window" is ignored. After time t WD,IW, the watchdog transitions from the "Ignore Window" state to the "Open Window" state for a maximum duration of t WD,W. Within the "Open Window" a valid trigger signal must be applied to the watchdog AEA03533.VSD No Trigger Closed Window Open Window Trigger WDO = LOW Ignore Window Always Always No Trigger During Open Window Trigger During Closed Window |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |