Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7368 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 6Page - Infineon Technologies AG TLE7368 Datasheet HTML 7Page - Infineon Technologies AG TLE7368 Datasheet HTML 8Page - Infineon Technologies AG TLE7368 Datasheet HTML 9Page - Infineon Technologies AG TLE7368 Datasheet HTML 10Page - Infineon Technologies AG TLE7368 Datasheet HTML 11Page - Infineon Technologies AG TLE7368 Datasheet HTML 12Page - Infineon Technologies AG TLE7368 Datasheet HTML 13Page - Infineon Technologies AG TLE7368 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
TLE7368
General Product Characteristics
Data Sheet
10
Rev. 1.1, 2007-11-08
Reset Output RO_2
4.1.24
Voltage
V
RO_2
-0.3
5.5
V
–
4.1.25
Voltage
V
RO_2
-0.3
6.2
V
t < 10 s2)
4.1.26
Current
I
RO_2
–
–
A
Limited internally
Reset Timing RT
4.1.27
Voltage
V
RT
-0.3
5.5
V
–
4.1.28
Voltage
V
RT
-0.3
6.2
V
t < 10 s2)
4.1.29
Current
I
RT
–
–
A
Limited internally
Tracking Regulator Outputs Q_T<1..2>
4.1.30
Voltage
V
Q_T<1..2>
-5
40
V
V
FB/L_IN = 5.5V
4.1.31
Voltage
V
Q_T<1..2>
-5
35
V
off mode;
V
FB/L_IN = 0V
4.1.32
Current
I
Q_T<1..2>
–
–
A
Limited internally
Enable Ignition EN_IGN
4.1.33
Voltage
V
EN_IGN
-0.3
45
V
–
4.1.34
Current
I
EN_IGN
––
mA
–
Enable Micro EN_uC
4.1.35
Voltage
V
EN_uC
-0.3
5.5
V
–
4.1.36
Voltage
V
EN_uC
-0.3
6.2
V
t < 10 s2)
4.1.37
Current
I
EN_uC
-5
5
mA
–
Voltage Regulator Outputs Q_LDO<1..2>
4.1.38
Voltage
V
Q_LDO1
-0.3
V
FB/L_IN + 0.3
V
–
4.1.39
Voltage
V
Q_LDO2
-0.3
V
IN_LDO2 + 0.3
V
–
4.1.40
Voltage
V
Q_LDO<1..2>
-0.3
5.5
V
–
4.1.41
Voltage
V
Q_LDO<1..2>
-0.3
6.2
V
t < 10 s2)
4.1.42
Current
I
Q_LDO<1..2>
–
–
A
Limited internally
Selection Input SEL_LDO2
4.1.43
Voltage
V
SEL_LDO2
-0.3
5.5
V
–
4.1.44
Voltage
V
SEL_LDO2
-0.3
6.2
V
t < 10 s2)
4.1.45
Current
I
SEL_LDO2
–
–
A
Limited internally
External Driver Output DRV_EXT
4.1.46
Voltage
V
DRV_EXT
-0.3
5.5
V
–
4.1.47
Voltage
V
DRV_EXT
-0.3
6.2
V
t < 10 s2)
4.1.48
Current
I
DRV_EXT
–
–
A
Limited internally
External Regulator Feedback Input FB_EXT
4.1.49
Voltage
V
FB_EXT
-0.3
5.5
V
–
4.1.50
Voltage
V
FB_EXT
-0.3
6.2
V
t < 10 s2)
4.1.51
Current
I
FB_EXT
–
–
A
Limited internally
Absolute Maximum Ratings (cont’d)1)
T
j = -40 °C to +150 °C; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com