Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7368 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 10Page - Infineon Technologies AG TLE7368 Datasheet HTML 11Page - Infineon Technologies AG TLE7368 Datasheet HTML 12Page - Infineon Technologies AG TLE7368 Datasheet HTML 13Page - Infineon Technologies AG TLE7368 Datasheet HTML 14Page - Infineon Technologies AG TLE7368 Datasheet HTML 15Page - Infineon Technologies AG TLE7368 Datasheet HTML 16Page - Infineon Technologies AG TLE7368 Datasheet HTML 17Page - Infineon Technologies AG TLE7368 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
TLE7368
General Product Characteristics
Data Sheet
14
Rev. 1.1, 2007-11-08
Voltage Regulator Q_LDO1
4.4.16
Output voltage
V
Q_LDO1
4.9
–
5.1
V
1 mA <
I
Q_LDO1 < 700 mA
3)
4.4.17
Output current limitation
I
Q_LDO1, lim
800
–
1600
mA
V
Q_LDO1 = 4.0 V
4.4.18
Drop voltage
V
dr, Q_LDO1
––
400
mV
I
Q_LDO1 = 500 mA;
VFB/L_IN = 5.0 V;
3) 4)
4.4.19
–
–
400
mV
I
Q_LDO1 = 250 mA;
V
IN = 4.5 V;
3) 4)
4.4.20
Load regulation
∆VQ_LDO1
–60
120
mV/A –
4.4.21
Power supply ripple
rejection
PSRR
Q_LD O1 26
–
–
dB
V
FB/L_IN = 5.6 V;
V
FB/L_IN, ripple pp = 150 mV;
f
FB/L_IN, ripple = 370 kHz;
I
Q_LDO1 = 250 mA;
C
Q_LDO1 = 4.7 µF, X7R
1)
4.4.22
Output capacitor
C
Q_LDO1
1–
470
µF
1) 5)
4.4.23
Output capacitor
ESR
C
Q_LDO1
0–
2
Ω
at 10 kHz1)
Voltage Regulator Q_LDO2
4.4.24
Output voltage
V
Q_LDO2
3.23
–
3.37
V
SEL_LDO2 = Q_LDO2;
IN_LDO2 = FB/L_IN;
1 mA <
I
Q_LDO2 < 500 mA
4.4.25
Output current limitation
I
Q_LDO2, lim
700
–
1400
mA
SEL_LDO2 = Q_LDO2;
IN_LDO2 = FB/L_IN;
V
Q_LDO2 = 2.8 V
4.4.26
Drop voltage
V
dr, Q_LDO2
–
–
400
mV
SEL_LDO2 = Q_LDO2;
V
CCP = 9 V;
I
Q_LDO2 = 500 mA;
4) 6)
4.4.27
Drop voltage
V
dr, Q_LDO2
–
–
400
mV
SEL_LDO2 = Q_LDO2;
V
CCP = 9 V;
I
Q_LDO2 = 250 mA;
V
IN = 4.5 V;
4) 6)
4.4.28
Load regulation
∆VQ_LDO2
–
–
80
mV/A 3.3 V mode
1 mA <
I
Q_LDO2 < 650 mA
4.4.29
Output voltage
V
Q_LDO2
2.56
–
2.67
V
SEL_LDO2 = GND;
IN_LDO2 = FB/L_IN;
1 mA <
I
Q_LDO2 < 500 mA
4.4.30
Output current limitation
I
Q_LDO2, lim
700
–
1400
mA
SEL_LDO2 = GND;
IN_LDO2 = FB/L_IN;
V
Q_LDO2 = 2.0 V
4.4.31
Drop voltage
V
dr, Q_LDO2
–
–
400
mV
SEL_LDO2 = GND;
V
CCP = 9 V;
I
Q_LDO2 = 500 mA;
4)6)
Electrical Characteristics (cont’d)
V
IN = VIN_STBY = 13.5 V, Tj = -40 °C to +150 °C,
V
CCP = 9.0 V; SEL_STBY = Q_STBY; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com