Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7368 Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 30Page - Infineon Technologies AG TLE7368 Datasheet HTML 31Page - Infineon Technologies AG TLE7368 Datasheet HTML 32Page - Infineon Technologies AG TLE7368 Datasheet HTML 33Page - Infineon Technologies AG TLE7368 Datasheet HTML 34Page - Infineon Technologies AG TLE7368 Datasheet HTML 35Page - Infineon Technologies AG TLE7368 Datasheet HTML 36Page - Infineon Technologies AG TLE7368 Datasheet HTML 37Page - Infineon Technologies AG TLE7368 Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
TLE7368
Application Information
Data Sheet
34
Rev. 1.1, 2007-11-08
This section intends to give hints for correct set up of the IC, i.e. to avoid misbehavior caused by the influence of
other PCB board circuits and shows also how to calculate external components, power loss, etc.
6.1
Choosing Components for the Buck Regulator
Stable operation of the Buck converter is ensured when choosing the external passive components according to
the characteristics given below:
•
Buck inductance: 18
µH < LBuck < 220 µH
•
Buck output capacitor:
C
Buck > 20 µF
•
ESR of Buck output capacitor: ESR_
C
Buck < 150 mΩ
6.2
Setting up LDO1, LDO2
The linear regulators LDO1 and LDO2 need to be connected to appropriate output capacitors in order to keep the
regulation loop stable and avoid oscillations. The essential parameters of the output capacitor are the minimum
capacitance and the equivalent series resistance (ESR). The required ranges for each output are specified in
Chapter 4.4 (Electrical Characteristics). Tantalum capacitors as well as multi layer ceramic capacitors are
suitable for LDO1 and LDO2.
6.3
Setting up of LDO3
LDO3 consists of an integrated regulator which needs to be equipped with an external power transistor (NPN-
Type). Suitable NPN power transistors types are e.g. KSH 200 from Fairchild semiconductor or NJD 2873T4 from
ON semiconductor. The most important parameters to be checked when choosing the external transistor are the
‘current gain bandwidth product’ (
f
T), the ‘DC current gain’ (hFE) and the thermal resistance of the package.
Darlington type transistors should not be used. For stability of the regulation loop a multi layer ceramic capacitor
of min. 4.7
µF must be connected to the LDO3 output voltage (Emitter of the external power transistor). In order
to improve suppression load current steps an additional capacitor of tantalum type can be connected in parallel.
In case LDO3 voltage is not needed the external NPN transistor can be spared. For this configuration the pins
‘DRV_EXT’ and ‘FB_EXT’ should be directly connected to each other in order to ensure correct operation of
Reset 2. Also in this case a small ceramic capacitor of 220 nF connected from pin ‘FB_EXT’ to GND is
recommended in order to avoid oscillations of the regulation loop LDO3.
Table 1
LDO2 Output Voltage Configuration
No.
SEL_LDO2
Q_LDO2
1
GND
2.6 V
2
Q_LDO2
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com