Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7368 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 13Page - Infineon Technologies AG TLE7368 Datasheet HTML 14Page - Infineon Technologies AG TLE7368 Datasheet HTML 15Page - Infineon Technologies AG TLE7368 Datasheet HTML 16Page - Infineon Technologies AG TLE7368 Datasheet HTML 17Page - Infineon Technologies AG TLE7368 Datasheet HTML 18Page - Infineon Technologies AG TLE7368 Datasheet HTML 19Page - Infineon Technologies AG TLE7368 Datasheet HTML 20Page - Infineon Technologies AG TLE7368 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Data Sheet
17
Rev. 1.1, 2007-11-08
TLE7368
General Product Characteristics
4.4.65
Output capacitor
ESR
C
Q_STBY
0–
0.5
Ω
at 10 kHz;1)
Device Enable Blocks and Quiescent Current
4.4.66
Ignition turn on
threshold
V
EN_IGN, on
–
–
4.0
V
Device operating
4.4.67
Ignition turn off
threshold
V
EN_IGN, off
2.0
–
–
V
Only stand-by regulators are
active if
V
EN_IGN < VEN_IGN, off
and
V
EN_uC < VEN_uC, off
4.4.68
Ignition pull-down
resistor current
I
EN_IGN
-100
–
–
µA
V
EN_IGN = 13.5 V
4.4.69
Turn on threshold
V
EN_uC, on
–
–
2.0
V
Device operating
4.4.70
Turn off threshold
V
EN_uC, off
0.8
–
–
V
Only stand-by regulators are
active if
V
EN_IGN < VEN_IGN, off
and
V
EN_uC < VEN_uC, off
4.4.71
Pull-down resistor
current
I
EN_uC
-30
–
–
µA
V
EN_uC = 5 V
4.4.72
Quiescent current
I
q = IIN_STBY -
I
Q_STBY
-120
–
–
µA
V
EN_uC = VEN_IGN = 0 V;
SEL_STBY = Q_STBY;
MON_STBY = H;
I
Q_STBY = 100 µA; Tj < 125 °C
4.4.73
Quiescent current
I
q = IIN_STBY -
I
Q_STBY
-130
–
–
µA
V
EN_uC = VEN_IGN = 0 V;
SEL_STBY = GND;
MON_STBY = H;
I
Q_STBY = 100 µA; Tj < 125 °C
4.4.74
Quiescent current
I
q, IN
-10
–
–
µA
V
EN_uC = VEN_IGN = 0 V;
V
IN_STBY = 0 V;
T
j < 125 °C
Reset Generator RO_1 Monitoring Q_LDO1
4.4.75
Undervoltage Reset
threshold on Q_LDO1
V
URT Q_LDO1,
de
4.50
–
4.75
V
V
Q_LDO1 decreasing;
V
FB/L_IN = open;
4.4.76
Undervoltage Reset
threshold on Q_LDO1
V
URT Q_LDO1,
in
4.55
–
4.90
V
V
Q_LDO1 increasing
4.4.77
Undervoltage Reset
hysteresis
V
URO_1, hyst
100
–
220
mV
–
4.4.78
Overvoltage Reset
threshold on Q_LDO1
V
ORT Q_LDO1,
in
5.40
–
5.65
V
V
Q_LDO1 increasing
4.4.79
Overvoltage Reset
threshold on Q_LDO1
V
ORT Q_LDO1,
de
5.25
–
5.60
V
V
Q_LDO1 decreasing
4.4.80
Overvoltage Reset
hysteresis
V
ORO_1, hyst
80
–
180
mV
–
4.4.81
RO_1, Reset output low
voltage
V
RO_1, low
––
0.4
V
I
RO_1 = -10 mA;
V
Q_LDO1 > 2.5 V
Electrical Characteristics (cont’d)
V
IN = VIN_STBY = 13.5 V, Tj = -40 °C to +150 °C,
V
CCP = 9.0 V; SEL_STBY = Q_STBY; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com