Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7368 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 3Page - Infineon Technologies AG TLE7368 Datasheet HTML 4Page - Infineon Technologies AG TLE7368 Datasheet HTML 5Page - Infineon Technologies AG TLE7368 Datasheet HTML 6Page - Infineon Technologies AG TLE7368 Datasheet HTML 7Page - Infineon Technologies AG TLE7368 Datasheet HTML 8Page - Infineon Technologies AG TLE7368 Datasheet HTML 9Page - Infineon Technologies AG TLE7368 Datasheet HTML 10Page - Infineon Technologies AG TLE7368 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Data Sheet
7
Rev. 1.1, 2007-11-08
TLE7368
Pin Configuration
65
IN_LDO2
LDO2 input;
Connect this pin straight to the Buck converter output or add a dropper
in between to reduce power dissipation on the chip.
7
6
Q_LDO2
Voltage regulator 2 output;
3.3 V or 2.6 V, depending on the state of SEL_LDO2.
Block to GND with capacitor for stable regulator operation; selection of
capacitor
C
Q_LDO2 according to Chapter 4.4 and Chapter 6.
87
Q_T1
Tracking regulator 1 output;
Block to GND with capacitor for stable regulator operation; selection of
capacitor
C
Q_T1 according to Chapter 4.4 and Chapter 6.
98
Q_T2
Tracking regulator 2 output;
Block to GND with capacitor for stable regulator operation; selection of
capacitor
C
Q_T2 according to Chapter 4.4 and Chapter 6.
10
9
EN_uC
Enable input microcontroller;
High level enables / low level disables the IC except the stand-by
regulators;
Integrated pull-down resistor
11
10
EN_IGN
Enable input ignition line;
High level enables / low level disables the IC except the stand-by
regulators;
Integrated pull-down resistor
12
11
SEL_STBY Selection input for stand-by regulator;
Connect to GND to select 2.6 V output voltage for Q_STBY;
Connect straight to Q_STBY to select 1.0 V output voltage for Q_STBY
13
12
C1-
Charge pump negative #1;
Connect a ceramic capacitor 100 nF, to C1+
14
13
C2-
Charge pump negative #2;
Connect a ceramic capacitor 100 nF, toC2+
15
14
C1+
Charge pump positive #1;
Connect a ceramic capacitor 100 nF, to C1-
16
15
C2+
Charge pump positive #2;
Connect a ceramic capacitor 100 nF, to C2-
17
16
CCP
Charge pump output;
Connect a ceramic capacitor, 220 nF, to GND;
Used for internal IC supply, do not use for other circuitry.
18
17
GND_P
Power ground;
Exclusive GND connection of charge pump;
Connect this pin to the power ground star point on the PCB.
–
18, 19
GND_A
Analog ground connection;
Connect to exposed pad.
19, 20
20, 21, 22
IN
Buck regulator input;
Connect to a pi-filter (or if not used to battery) with short lines; connect
filter capacitors in any case with short lines; connect a small ceramic
directly at the pin; For details refer to Chapter 6.
Interconnect the pins.
21
–
N.C.
Internally not connected; Connect to GND_A.
Pin
(TLE7368G)
Pin
(TLE7368E)
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com