Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7368 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 12Page - Infineon Technologies AG TLE7368 Datasheet HTML 13Page - Infineon Technologies AG TLE7368 Datasheet HTML 14Page - Infineon Technologies AG TLE7368 Datasheet HTML 15Page - Infineon Technologies AG TLE7368 Datasheet HTML 16Page - Infineon Technologies AG TLE7368 Datasheet HTML 17Page - Infineon Technologies AG TLE7368 Datasheet HTML 18Page - Infineon Technologies AG TLE7368 Datasheet HTML 19Page - Infineon Technologies AG TLE7368 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
TLE7368
General Product Characteristics
Data Sheet
16
Rev. 1.1, 2007-11-08
Voltage Tracker Q_T2
4.4.50
Output voltage tracking
accuracy to Q_LDO1
∆VQ_T2
-10
–
10
mV
0 mA <
I
Q_T2 < 50 mA;
4.4.51
Output current limitation
I
Q_T2
60
–
110
mA
V
Q_T2 = 4.0 V
4.4.52
Drop voltage
V
dr, Q_T2
––
400
mV
I
Q_T2 = 50 mA;
V
FB/L_IN = 5.3 V;
V
Q_LDO1 = 5.0 V
4)
4.4.53
Power supply ripple
rejection
PSRR
Q_T2
26
–
–
dB
V
FB/L_IN = 5.6 V;
V
FB/L_IN, ripple pp = 150 mV;
f
FB/L_IN, ripple = 370 kHz;
V
Q_LDO1 = 5.0 V;
I
Q_T2 = 40 mA;
C
Q_T2 = 4.7 µF ceramic X7R;
1)
4.4.54
Output capacitor
C
Q_T2
4.7
–
–
µF
1)5)
4.4.55
Output capacitor
ESR
C
Q_T2
0–
3
Ω
at 10 kHz;1)
Stand-by Regulator
4.4.56
Output voltage
V
Q_STBY
0.93
1.02
1.08
V
V
IN_STBY > 3 V;
100
µA < IQ_STBY < 10 mA;
SEL_STBY = Q_STBY
4.4.57
Output voltage
V
Q_STBY
0.93
1.02
1.08
V
V
IN_STBY > 4.5 V;
I
Q_STBY = 30 mA;
SEL_STBY = Q_STBY
4.4.58
Output voltage
V
Q_STBY
2.51
2.62
2.73
V
V
IN_STBY > 3.0 V;
100
µA < IQ_STBY < 10 mA;
SEL_STBY = GND
4.4.59
Selector pull-up current
I
SEL_STBY
-2
-5
-10
µA
SEL_STBY = GND
4.4.60
Output current limitation
I
Q_STBY, lim
31
–
90
mA
V
Q_ STBY = 0.5 V
4.4.61
Load regulation
∆VQ_ STBY
––
5
V/A
I
Q_STBY = 100µA to 10 mA
V
IN_STBY > 4.5 V;
SEL_STBY = Q_STBY
V
Q_STBY = 1.0V
––
10
V/A
I
Q_STBY = 100µA to 10 mA
V
IN_STBY > 4.5 V;
SEL_STBY = GND
V
Q_STBY = 2.6V
4.4.62
Line regulation
∆VQ_ STBY
––
5
mV/V –
4.4.63
Power supply ripple
rejection
PSRR
Q_STBY
60
–
–
dB
V
IN_STBY, ripple pp = 500 mV;
f
IN_STBY, ripple = 100 Hz;
I
Q_STBY = 5 mA;
C
Q_STBY = 1 µF ceramic X7R;
1)
4.4.64
Output capacitor
C
Q_STBY
0.47
–
2
µF
1) 5)
Electrical Characteristics (cont’d)
V
IN = VIN_STBY = 13.5 V, Tj = -40 °C to +150 °C,
V
CCP = 9.0 V; SEL_STBY = Q_STBY; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com