| Electronic Components Datasheet Search |
|
AT90SCR100 Datasheet(PDF) 29 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90SCR100 Datasheet(HTML) 29 Page - ATMEL Corporation |
|
29 / 433 page ![]() 29 TPR0327AY–SMS–30Jan09 AT90SCR100 6.4 I/O Memory The I/O space definition of the AT90SCR100 is shown in “Register Summary” on page 417. All AT90SCR100 I/Os and peripherals are placed in the I/O space. All I/O locations may be accessed by the LD/LDS/LDD and ST/STS/STD instructions, transferring data between the 32 general purpose working registers and the I/O space. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these registers, the value of single bits can be checked by using the SBIS and SBIC instructions. Refer to the instruction set section for more details. When using the I/O specific commands IN and OUT, I/O addresses 0x00 - 0x3F must be used. When addressing I/O Registers as data space using LD and ST instructions, 0x20 must be added to these addresses. The AT90SCR100 is a complex microcontroller with more peripheral units than can be supported within the 64 location reserved in the Opcode of the IN and OUT instructions. For the Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and LD/LDS/LDD instructions can be used. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other AVRs, the CBI and SBI instructions will only operate on the specified bit, and can therefore be used on registers containing such Status Flags. The CBI and SBI instructions work with reg- isters 0x00 to 0x1F only. The I/O and peripherals control registers are explained in later sections. 6.4.1 General Purpose I/O Registers The AT90SCR100 contains three General Purpose I/O Registers. These registers can be used for storing any information, and they are particularly useful for storing global variables and Sta- tus Flags. General Purpose I/O Registers within the address range 0x00 - 0x1F are directly bit- accessible using the SBI, CBI, SBIS, and SBIC instructions. 6.4.2 GPIOR2 – General Purpose I/O Register 2 6.4.3 GPIOR1 – General Purpose I/O Register 1 Bit 7654 3 2 1 0 0x2B (0x4B) GPIOR2 [7..0] GPIOR2 Read/write R/W R/W R/W R/W R/W R/W R/W R/W Initial value 0000 0 0 0 0 0x00 Bit 7654 3 2 1 0 0x2A (0x4A) GPIOR1 [7..0] GPIOR1 Read/write R/W R/W R/W R/W R/W R/W R/W R/W Initial value 0000 0 0 0 0 0x00 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |