Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90SCR100 Datasheet(PDF) 420 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 420 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 416Page - ATMEL Corporation AT90SCR100 Datasheet HTML 417Page - ATMEL Corporation AT90SCR100 Datasheet HTML 418Page - ATMEL Corporation AT90SCR100 Datasheet HTML 419Page - ATMEL Corporation AT90SCR100 Datasheet HTML 420Page - ATMEL Corporation AT90SCR100 Datasheet HTML 421Page - ATMEL Corporation AT90SCR100 Datasheet HTML 422Page - ATMEL Corporation AT90SCR100 Datasheet HTML 423Page - ATMEL Corporation AT90SCR100 Datasheet HTML 424Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 433 page
background image
420
TPR0327AY–SMS–30Jan09
AT90SCR100
0x1B (0x3B)
PCIFR
-
-
-
-
PCIF3
PCIF2
PCIF1
PCIF0
72
0x1A (0x3A)
EIRR
-
-
-
-
INTD3
INTD2
-
-
71
0x19 (0x39)
Reserved
-
-
-
-
-
-
-
-
0x18 (0x38)
Reserved
-
-
-
-
-
-
-
-
0x17 (0x37)
TIFR2
-
-
-
-
-
OCF2B
OCF2A
TOV2
153
0x16 (0x36)
TIFR1
-
-ICF1
-
-
OCF1B
OCF1A
TOV1
132
0x15 (0x35)
TIFR0
-
-
-
-
-
OCF0B
OCF0A
TOV0
104
0x14 (0x34)
Reserved
-
-
-
-
-
-
-
-
0x13 (0x33)
Reserved
-
-
-
-
-
-
-
-
0x12 (0x32)
Reserved
-
-
-
-
-
-
-
-
0x11 (0x31)
Reserved
-
-
-
-
-
-
-
-
0x10 (0x30)
Reserved
-
-
-
-
-
-
-
-
0x0F (0x2F)
Reserved
-
-
-
-
-
-
-
-
0x0E (0x2E)
PORTE
PORTE7
PORTE6
PORTE5
PORTE4
PORTE3
PORTE2
PORTE1
PORTE0
84
0x0D (0x2D)
DDRE
DDE7
DDE6
DDE5
DDE4
DDE3
DDE2
DDE1
DDE0
85
0x0C (0x2C)
PINE
PINE7
PINE6
PINE5
PINE4
PINE3
PINE2
PINE1
PINE0
85
0x0B (0x2B)
PORTD
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
84
0x0A (0x2A)
DDRD
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
84
0x09 (0x29)
PIND
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
84
0x08 (0x28)
PORTC
-
-
PORTC5
PORTC4
PORTC3
PORTC2
PORTC1
PORTC0
84
0x07 (0x27)
DDRC
-
-
DDC5
DDC4
DDC3
DDC2
DDC1
DDC0
84
0x06 (0x26)
PINC
-
-
PINC5
PINC4
PINC3
PINC2
PINC1
PINC0
84
0x05 (0x25)
PORTB
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
83
0x04 (0x24)
DDRB
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
83
0x03 (0x23)
PINB
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
83
0x02 (0x22)
PORTA
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
83
0x01 (0x21)
DDRA
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
83
0x00 (0x20)
PINA
PINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
83
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
1. For compatiliblity with future devices, reserved bits should be written to
zero if accessed. Reserved I/O memory addresses should never be
written.
2. I/O registers within the address range $00-$1F are directly bit-accessible
using the SBI and CBI instructions. In these registers, the value of single
bits can be checked by using SBIS and SBIC instructions.
3. Some of the status flags are cleared by writing a logical one to them. Note
that the CBI and SBI instructions will operate on all bits in the I/O register,
writing a one back into any flag read as set, this clearing the flag. The CBI
and SBI instructions work with registers $00 to $1F only.
4. When using the I/O specific commands IN and OUT, the I/O addresses
$00-$3F must be used. When addressing I/O registers as data space
using LD and ST instructions, $20 must be added to these addresses.
The AT90SCR100 is a complex microcontroller with more peripheral
units than can be supported within the 64 locations reserved in Opcode
for the IN and OUT instructions. For the Extended I/O space from $60-
$FF, only the ST/STS/STD and LD/LDS/LDD instructions ca be used.
All ‘Reserved’ registers must not be read or written.
Writing or Reading these registers may generate unhandled state.
Note
Caution
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com