Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F213G4DNSP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F213G4DNSP
Description  RENESAS MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G4DNSP Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F213G4DNSP Datasheet HTML 1Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 2Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 3Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 4Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 5Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 6Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 7Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 8Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
R8C/3GD Group
1. Overview
REJ03B0289-0100 Rev.1.00
Feb 26, 2010
Page 3 of 41
Note:
1. Specify the D version if D version functions are to be used.
Table 1.2
Specifications for R8C/3GD Group (2)
Item
Function
Specification
Flash Memory
• Programming and erasure voltage: VCC = 2.7 to 5.5 V
• Programming and erasure endurance: 1,000 times (program ROM)
• Program security: ROM code protect, ID code check
• Debug functions: On-chip debug, on-board flash rewrite function
Operating Frequency/Supply
Voltage
f(XIN) = 20 MHz (VCC = 2.7 to 5.5 V)
f(XIN) = 5 MHz (VCC = 1.8 to 5.5 V)
Current consumption
Typ. 6.5mA (VCC = 5.0 V, f(XIN) = 20 MHz)
Typ. 3.5mA (VCC = 3.0 V, f(XIN) = 10 MHz)
Typ. 3.5
(VCC = 3.0 V, wait mode (f(XCIN) = 32 kHz))
Typ. 2.0
(VCC = 3.0 V, stop mode)
Operating Ambient Temperature
-20 to 85 C (N version)
-40 to 85 C (D version) (1)
Package
24-pin LSSOP
Package code: PLSP0024JB-A (previous code: 24P2F-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com