Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F213G4DNSP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F213G4DNSP
Description  RENESAS MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G4DNSP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F213G4DNSP Datasheet HTML 20Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 21Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 22Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 23Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 24Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 25Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 26Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 27Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
R8C/3GD Group
5. Electrical Characteristics
REJ03B0289-0100 Rev.1.00
Feb 26, 2010
Page 22 of 41
Notes:
1. VCC = 1.8 to 5.5 V at Topr = 20 to 85 C (N version) / 40 to 85 C (D version), unless otherwise specified.
2. The average output current indicates the average value of current measured during 100 ms.
3. fOCO40M can be used as the count source for timer RC in the range of VCC = 2.7 V to 5.5 V.
Table 5.2
Recommended Operating Conditions
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
VCC/AVCC Supply voltage
1.8
5.5
V
VSS/AVSS Supply voltage
0
V
VIH
Input “H” voltage
Other than CMOS input
0.8 VCC
VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 VCC
4.0 V
VCC
5.5 V
0.5 VCC
VCC
V
2.7 V
VCC < 4.0 V 0.55 VCC
VCC
V
1.8 V
VCC < 2.7 V 0.65 VCC
VCC
V
Input level selection
: 0.5 VCC
4.0 V
VCC
5.5 V
0.65 VCC
VCC
V
2.7 V
VCC < 4.0 V
0.7 VCC
VCC
V
1.8 V
VCC < 2.7 V
0.8 VCC
VCC
V
Input level selection
: 0.7 VCC
4.0 V
VCC
5.5 V
0.85 VCC
VCC
V
2.7 V
VCC < 4.0 V 0.85 VCC
VCC
V
1.8 V
VCC < 2.7 V 0.85 VCC
VCC
V
External clock input (XOUT)
1.2
VCC
V
VIL
Input “L” voltage
Other than CMOS input
0
0.2 VCC
V
CMOS
input
Input level
switching
function
(I/O port)
Input level selection
: 0.35 VCC
4.0 V
VCC
5.5 V
0
0.2 VCC
V
2.7 V
VCC < 4.0 V
0
0.2 VCC
V
1.8 V
VCC < 2.7 V
0
0.2 VCC
V
Input level selection
: 0.5 VCC
4.0 V
VCC
5.5 V
0
0.4 VCC
V
2.7 V
VCC < 4.0 V
0
0.3 VCC
V
1.8 V
VCC < 2.7 V
0
0.2 VCC
V
Input level selection
: 0.7 VCC
4.0 V
VCC
5.5 V
0
0.55 VCC
V
2.7 V
VCC < 4.0 V
0
0.45 VCC
V
1.8 V
VCC < 2.7 V
0
0.35 VCC
V
External clock input (XOUT)
0
0.4
V
IOH(sum)
Peak sum output “H” current
Sum of all pins IOH(peak)
160
mA
IOH(sum)
Average sum output “H” current Sum of all pins IOH(avg)
80
mA
IOH(peak)
Peak output “H” current
Drive capacity Low
10
mA
Drive capacity High
40
mA
IOH(avg)
Average output “H” current
Drive capacity Low
5mA
Drive capacity High
20
mA
IOL(sum)
Peak sum output “L” current
Sum of all pins IOL(peak)
160
mA
IOL(sum)
Average sum output “L” current Sum of all pins IOL(avg)
80
mA
IOL(peak)
Peak output “L” current
Drive capacity Low
10
mA
Drive capacity High
40
mA
IOL(avg)
Average output “L” current
Drive capacity Low
5mA
Drive capacity High
20
mA
f(XIN)
XIN clock input oscillation frequency
2.7 V
VCC
5.5 V
20
MHz
1.8 V
VCC < 2.7 V
5MHz
f(XCIN)
XCIN clock input oscillation frequency
1.8 V
VCC
5.5 V
32.768
50
kHz
fOCO40M When used as the count source for timer RC (3)
2.7 V
VCC
5.5 V
32
40
MHz
fOCO-F
fOCO-F frequency
2.7 V
VCC
5.5 V
20
MHz
1.8 V
VCC < 2.7 V
5MHz
System clock frequency
2.7 V
VCC
5.5 V
20
MHz
1.8 V
VCC < 2.7 V
5MHz
f(BCLK)
CPU clock frequency
2.7 V
VCC
5.5 V
20
MHz
1.8 V
VCC < 2.7 V
5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com