Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F213G4DNSP Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R5F213G4DNSP
Description  RENESAS MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G4DNSP Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R5F213G4DNSP Datasheet HTML 27Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 28Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 29Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 30Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 31Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 32Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 33Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 34Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
R8C/3GD Group
5. Electrical Characteristics
REJ03B0289-0100 Rev.1.00
Feb 26, 2010
Page 29 of 41
Note:
1. 4.2 V
VCC
5.5 V at Topr = 20 to 85 C (N version) / 40 to 85 C (D version), f(XIN) = 20 MHz, unless otherwise specified.
Table 5.13
Electrical Characteristics (1) [4.2 V
Vcc
5.5 V]
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H”
voltage
Other than XOUT
Drive capacity High VCC = 5V IOH = 20 mA
VCC
2.0
VCC
V
Drive capacity Low VCC = 5V
IOH = 5 mA
VCC
2.0
VCC
V
XOUT
VCC = 5V
IOH = 200 A1.0
VCC
V
VOL
Output “L”
voltage
Other than XOUT
Drive capacity High VCC = 5V IOL = 20 mA
2.0
V
Drive capacity Low VCC = 5V
IOL = 5 mA
2.0
V
XOUT
VCC = 5V
IOL = 200 A
0.5
V
VT+-VT-
Hysteresis
INT0, INT1, INT3,
KI0,KI1, KI2, KI3,
TRAIO, TRBO,
TRCIOA, TRCIOB,
TRCIOC, TRCIOD,
TRCTRG, TRCCLK,
ADTRG,
RXD0, RXD2,
CLK0, CLK2
0.1
1.2
V
RESET
0.1
1.2
V
IIH
Input “H” current
VI = 5 V, VCC = 5.0V
5.0
A
IIL
Input “L” current
VI = 0 V, VCC = 5.0V
5.0
A
RPULLUP
Pull-up resistance
VI = 0 V, VCC = 5.0V
25
50
100
k
RfXIN
Feedback
resistance
XIN
0.3
M
RfXCIN
Feedback
resistance
XCIN
8
M
VRAM
RAM hold voltage
During stop mode
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com