Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F213G4DNSP Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R5F213G4DNSP
Description  RENESAS MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G4DNSP Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R5F213G4DNSP Datasheet HTML 23Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 24Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 25Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 26Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 27Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 28Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 29Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 30Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
R8C/3GD Group
5. Electrical Characteristics
REJ03B0289-0100 Rev.1.00
Feb 26, 2010
Page 25 of 41
Notes:
1. VCC = 2.7 to 5.5 V at Topr = 0 to 60 C, unless otherwise specified.
2. Definition of programming/erasure endurance
The programming and erasure endurance is defined on a per-block basis.
If the programming and erasure endurance is n (n = 1,000), each block can be erased n times. For example, if 1,024 1-byte
writes are performed to different addresses in block A, a 1 Kbyte block, and then the block is erased, the
programming/erasure endurance still stands at one.
However, the same address must not be programmed more than once per erase operation (overwriting prohibited).
3. Endurance to guarantee all electrical characteristics after program and erase. (1 to Min. value can be guaranteed).
4. In a system that executes multiple programming operations, the actual erasure count can be reduced by writing to sequential
addresses in turn so that as much of the block as possible is used up before performing an erase operation. For example,
when programming groups of 16 bytes, the effective number of rewrites can be minimized by programming up to 128 groups
before erasing them all in one operation. It is also advisable to retain data on the erasure endurance of each block and limit
the number of erase operations to a certain number.
5. If an error occurs during block erase, attempt to execute the clear status register command, then execute the block erase
command at least three times until the erase error does not occur.
6. Customers desiring program/erase failure rate information should contact their Renesas technical support representative.
7. The data hold time includes time that the power supply is off or the clock is not supplied.
Figure 5.2
Time delay until Suspend
Table 5.5
Flash Memory (Program ROM) Electrical Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
Program/erase endurance (2)
1,000 (3)
times
Byte program time
80
500
s
Block erase time
0.3
s
td(SR-SUS)
Time delay from suspend request until
suspend
5+CPU clock
× 3 cycles
ms
Interval from erase start/restart until
following suspend request
0
s
Time from suspend until erase restart
30+CPU clock
× 1 cycle
s
td(CMDRST-
READY)
Time from when command is forcibly
stopped until reading is enabled
30+CPU clock
× 1 cycle
s
Program, erase voltage
2.7
5.5
V
Read voltage
1.8
5.5
V
Program, erase temperature
0
60
C
Data hold time (7)
Ambient temperature = 55 C20
year
FST6 bit
Suspend request
(FMR21 bit)
Fixed time
Clock-dependent
time
Access restart
FST6, FST7: Bit in FST register
FMR21: Bit in FMR2 register
FST7 bit
td(SR-SUS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com