Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F213G4DNSP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R5F213G4DNSP
Description  RENESAS MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213G4DNSP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R5F213G4DNSP Datasheet HTML 10Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 11Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 12Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 13Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 14Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 15Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 16Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 17Page - Renesas Technology Corp R5F213G4DNSP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
R8C/3GD Group
3. Memory
REJ03B0289-0100 Rev.1.00
Feb 26, 2010
Page 12 of 41
3.
Memory
3.1
R8C/3GD Group
Figure 3.1 is a Memory Map of R8C/3GD Group. The R8C/3GD Group has a 1-Mbyte address space from
addresses 00000h to FFFFFh. The internal ROM (program ROM) is allocated lower addresses, beginning with
address 0FFFFh. For example, a 16-Kbyte internal ROM area is allocated addresses 0C000h to 0FFFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. The starting address of each interrupt
routine is stored here.
The internal RAM is allocated higher addresses, beginning with address 00400h. For example, a 1-Kbyte internal
RAM area is allocated addresses 00400h to 007FFh. The internal RAM is used not only for data storage but also as
a stack area when a subroutine is called or when an interrupt request is acknowledged.
Special function registers (SFRs) are allocated addresses 00000h to 002FFh. Peripheral function control registers
are allocated here. All unallocated spaces within the SFRs are reserved and cannot be accessed by users.
Figure 3.1
Memory Map of R8C/3GD Group
0FFFFh
0FFDCh
Note:
1. The blank areas are reserved and cannot be accessed by users.
FFFFFh
0FFFFh
0YYYYh
0XXXXh
00400h
002FFh
00000h
Internal ROM
(program ROM)
Internal RAM
SFR
(Refer to 4. Special
Function Registers
(SFRs))
0FFD8h
Reserved area
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer, oscillation stop detection, voltage monitor
(Reserved)
(Reserved)
Reset
Part Number
R5F213G1DNSP, R5F213G1DDSP
R5F213G2DNSP, R5F213G2DDSP
R5F213G4DNSP, R5F213G4DDSP
R5F213G5DNSP, R5F213G5DDSP
R5F213G6DNSP, R5F213G6DDSP
Internal ROM
Internal RAM
Size
Address 0YYYYh
Size
Address 0XXXXh
4 Kbytes
8 Kbytes
16 Kbytes
24 Kbytes
32 Kbytes
0F000h
0E000h
0C000h
0A000h
08000h
1 Kbyte
1 Kbyte
1 Kbyte
1 Kbyte
1 Kbyte
007FFh
007FFh
007FFh
007FFh
007FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com