Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4MP Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 180 page
background image
Memory
I/O and Control Registers
General Release Specification
Memory
Addr.
Register Name
7
6543210
$0020
Timer Register MSB
Read: BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
Write:
$0021
Timer Register LSB
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
$0022
Alternate Counter Register MSB
Read: BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
Write:
$0023
Alternate Counter Register LSB
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
$0024
A/D Converter Data Register
Read:
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write:
$0025
A/D Status and Control Register
Read: COCO
ADRC
ADON
0
CH3
CH2
CH1
CH0
Write:
$0026
EPROM Prog Register*
Read:
LATCH
EPGM
Write:
$0027
PWM Update Register
Read: UPDATE
A
UPDATE
B
Write:
$0028–
$002F
Unimplemented
Read:
Write:
= Unimplemented
* EPROM device only, unimplemented on ROM device
Figure 2-5. I/O and Control Registers $0020–$002F
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com