Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4MP Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 15Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 16Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 180 page
background image
General Description
MC68HC705MC4 — Rev. 2.0
General Description
The MC68HC705MC4 is available in the 28-pin plastic dual in-line
package (PDIP) and 28-pin small outline integrated circuit (SOIC)
package.
1.3 Features
Features of the MC68HC705MC4 are listed below. Note that all timing is
based on a 3-MHz bus.
Low-Cost, HC05 Core Running at 3-MHz Bus Speed at V
DD = 5 V
± 10%
28-Pin Plastic Dual In-Line Package (PDIP), Small Outline
Integrated Circuit (SOIC), or Windowed Ceramic Package with
Low Electromagnetic Interference (EMI) Emission Pinout
3584 Bytes of User EPROM, Including Eight User Vectors of Two
Bytes Each
176 Bytes of User RAM
Dual-Channel, High-Speed PWM, Featuring:
8-Bit Duty Cycle Resolution
Independent Prescaler Frequency Selection and Period
Counters
Two Frequency Ranges, Eight Steps in Each:
183 Hz to 23.4 kHz
122 Hz to 15.6 kHz
Software Programmable PWM Polarity
Dual Software Controllable PWM Output Multiplexer, Each
PWM to Three Input/Output (I/O)
8-Bit A/D Converter with Six Input Multiplexer
High and Low References
Conversion Rate = 10.7
µs
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com