Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4MP Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 180 page
background image
Input/Output Ports
MC68HC705MC4 — Rev. 2.0
Input/Output Ports
7.5 Port B
Port B is a 4-bit bidirectional port that can share pins PB4–PB5 with the
SCI subsystem. Port B data register is located at address $0001 and its
data direction register (DDR) is located at address $0005. Reset does
not affect the data registers, but clears the DDRs, thereby setting all of
the port pins to input mode. Writing a 1 to a DDR bit sets the
corresponding port pin to output mode. (See Figure 7-3.)
PB7 features a larger n-channel output device and can, therefore, sink
more current than a standard port. (Refer to Section 14. Electrical
Specifications.)
PB4–PB5 may be used for general I/O applications when the SCI
subsystem is disabled. When the serial communications interface (SCI)
subsystem is enabled, port B registers are still accessible to software.
Writing to either of the port B registers could corrupt the SCI data. See
Section 11. Serial Communications Interface for a discussion of the
SCI subsystem.
PB6–PB7 remain as I/O pins when the SCI subsystem is enabled.
Figure 7-3. Port B I/O Circuitry
READ $0001
WRITE $0001
READ $0005
DATA
REGISTER BIT
I/O
PIN
OUTPUT
INTERNAL HC05
DATA BUS
RESET
(RST)
WRITE $0005
DATA DIRECTION
REGISTER BIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com