Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4MP Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 180 page
background image
Operating Modes
MC68HC705MC4 — Rev. 2.0
Operating Modes
6.4.3 Mask Option Register
This register is latched upon RESET and at regular intervals as
determined by the COP timeout period. The register is an EPROM byte
located at $0F00 and holds the option bit for COP disable/enable.
COPE — COP Enable/Disable
1 = The COP is enabled.
0 = (erased state) The COP is disabled.
NOTE:
The COPE bit is not readable.
6.5 Low-Power Mode
MC68HC705MC4 is capable of running in a low-power mode in each of
its configurations. The WAIT instruction reduces the power required for
the MCU by stopping various internal clocks and/or the on-chip
oscillator. The WAIT instruction is not normally used if the COP
watchdog timer is enabled. Execution of the stop instruction will take the
effect of a NOP. The flow of wait mode is shown in Figure 6-6.
NOTE:
The ROM option will include the STOP functions.
Address:
$0F00
Bit 7
654321
Bit 0
Read:
UUUUUUU
Write:
COPE
Erased:
00000000
U
= Undetermined
= Unimplemented
Figure 6-5. Mask Option Register (MOR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com