Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4MP Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 100Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 101Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 102Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 180 page
background image
Pulse Width Modulator
PWM Control Registers
General Release Specification
Pulse Width Modulator
10.4 PWM Control Registers
The following control registers direct the function of the PWM
subsystem.
•
Control register A (CTL-A)
•
Control register B (CTL-B)
•
Rate register (RATE)
•
Update register (UPDATE)
10.4.1 Control Register A and Control Register B
Control register A directs PWM channel A which can drive PA1, PA3,
and PA5. Control register B directs PWM channel B which can drive
PA2, PA4, and PA6. As the function of CTL-A and CTL-B are identical
except for the channel name. The descriptions below apply to both, and
the channel is referred to as 'x’.
Address:
$0014
Bit 7
654321
Bit 0
Read:
MEA
POLA
MSKA3
MSKA2
MSKA1
CSA3
CSA2
CSA1
Write:
Reset:
00000000
Figure 10-3. PWM Control-A Register (CTL-A)
Address:
$0015
Bit 7
654321
Bit 0
Read:
MEB
POLB
MSKB3
MSKB2
MSKB1
CSB3
CSB2
CSB1
Write:
Reset:
00000000
Figure 10-4. PWM Control-B Register (CTL-B)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com