| Electronic Components Datasheet Search |
|
MC68HC705MC4MP Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC705MC4MP Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc |
|
42 / 180 page ![]() Interrupts MC68HC705MC4 — Rev. 2.0 Interrupts 4.3 Reset Interrupt Sequence The reset function is not in the strictest sense an interrupt; however, it is acted upon in a similar manner as shown in Figure 4-1. A low level input on the RESET pin or internally generated RST signal causes the program to vector to its starting address which is specified by the contents of memory locations $0FFE and $0FFF. The I bit in the condition code register (CCR) is also set. The MCU is configured to a known state during this type of reset, as described in Section 5. Resets. 4.4 Software Interrupt The software interrupt (SWI) is an executable instruction. It is also a nonmaskable interrupt since it is executed regardless of the state of the I bit in the CCR. As with any instruction, interrupts pending during the previous instruction will be serviced before the SWI opcode is fetched. The interrupt service routine address for the SWI instruction is specified by the contents of memory locations $0FFC and $0FFD. 4.5 Hardware Interrupts All hardware interrupts are maskable by the I bit in the CCR. If the I bit is set, all hardware interrupts (internal and external) are disabled. Clearing the I bit enables the hardware interrupts. Four hardware interrupts are explained in the following sections. 4.5.1 External Interrupt If the interrupt mask bit (I bit) of the CCR is set, all maskable interrupts (internal and external) are disabled. Clearing the I bit enables interrupts (subject to their individual interrupt enable control flag status). External interrupt (IRQ) now has an independent interrupt mask bit in the IRQ status and control register (ISCR) that also must be cleared to enable its corresponding interrupt. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |