Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4MP Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 180 page
background image
Input/Output Ports
I/O Port Programming
General Release Specification
Input/Output Ports
7.8 I/O Port Programming
Each pin on ports A–C may be programmed as an input or an output
under software control as shown in Table 7-1, Table 7-2, and Table 7-3.
Port D6 may be programmed as an input or an output and port D7 may
be used as an input only as shown in Table 7-4. The direction of a pin is
determined by the state of its corresponding bit in the associated port
data direction register (DDR). A pin is configured as an output if its
corresponding DDR bit is set to a logic 1. A pin is configured as an input
if its corresponding DDR bit is cleared to a logic 0.
At power-on or reset, all DDRs are cleared, which configures all port pins
as inputs. The DDRs are capable of being written to or read by the
processor. During the programmed output state, a read of the data
register will actually read the value of the output data latch and not the
level on the I/O port pin.
Table 7-1. Port A I/O Functions
DDRA
I/O Pin Mode
Accesses
to DDRA
@ $0004
Accesses
to Data Register
@ $0000
Read/Write
Read
Write
0
IN, Hi-Z
DDRA0–DDRA7
PA0–PA7
*
1
OUT
DDRA0–DDRA7
PA0–PA7
PA0–PA7
* Does not affect input, but stored to data register
Table 7-2. Port B I/O Functions
DDRB
I/O Pin Mode
Accesses
to DDRA
@ $0005
Accesses
to Data Register
@ $0001
Read/Write
Read
Write
0
IN, Hi-Z
DDRB4–DDRB7
PB4–PB7
*
1
OUT
DDRB4–DDRB7
PB4–PB7
PB4–PB7
* Does not affect input, but stored to data register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com