Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4MP Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 180 page
background image
Operating Modes
MC68HC705MC4 — Rev. 2.0
Operating Modes
6.6 WAIT Instruction
The WAIT instruction places the MCU in a low-power mode. In wait
mode, the bus clock is halted, suspending all processor and internal bus
activity but the timer. COP, ADC, PWM, and SCI subsystems remain
active. To save more power, the user may optionally disable each
individual subsystem through software before entering wait mode.
Execution of the WAIT instruction automatically clears the I bit in the
condition code register, enabling the IRQ external interrupt. All other
registers, memory, and input/output lines remain in their previous state
unless modified by an active peripheral.
If the 16-bit timer interrupt is enabled, it will cause the processor to exit
wait mode and resume normal operation. The 16-bit timer may be used
to generate a periodic exit from wait mode. The wait mode may also be
exited when an IRQ external interrupt, SCI interrupt, or RESET occurs.
6.7 COP Watchdog Timer Considerations
The COP watchdog timer is active in single-chip mode when selected by
mask option. The COP watchdog timer should be disabled for
applications that will use the wait mode with time periods that will exceed
the COP timeout period.
COP watchdog timer interactions are summarized in Table 6-3.
Table 6-3. COP Watchdog Timer Recommendations
IF the following conditions exist
during WAIT period:
THEN the COP watchdog timer
should be:
WAIT period
less than COP time-out
Enable or disable COP via Mask Option
WAIT period
more than COP time-out
Disable COP via Mask Option
any length WAIT period
Disable COP via Mask Option
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com