Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4MP Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 180 page
background image
Central Processing Unit
Stack Pointer
General Release Specification
Central Processing Unit
N — Negative
When set, this bit indicates that the result of the last arithmetic, logical,
or data manipulation was negative.
Z — Zero
When set, this bit indicates that the result of the last arithmetic, logical,
or data manipulation was zero.
C — Carry/Borrow
When set, this bit indicates that a carry or borrow out of the arithmetic
logical unit (ALU) occurred during the last arithmetic operation. This
bit is also affected during bit test and branch instructions and during
shifts and rotates.
3.6 Stack Pointer
The stack pointer (SP) contains the address of the next free location on
the stack. During an MCU reset or the reset stack pointer (RSP)
instruction, the stack pointer is set to location $00FF. The stack pointer
is then decremented as data is pushed onto the stack and incremented
as data is pulled from the stack.
When accessing memory, the six most significant bits are permanently
set to 000011. These six bits are appended to the six least significant
register bits to produce an address within the range of $00FF to $00C0.
Subroutines and interrupts may use up to 64 (decimal) locations. If 64
locations are exceeded, the stack pointer wraps around and loses the
previously stored information. A subroutine call occupies two locations
on the stack; an interrupt uses five locations.
11
7
0
000011
SP
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com