Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4MP Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 180 page
background image
Pulse Width Modulator
MC68HC705MC4 — Rev. 2.0
Pulse Width Modulator
PWM channel A is configured such that the PWM signal may be directed
to either PA1 (CSA1 = 1) or PA3 (CSA2 = 1). When not driving the PWM
signal, these ports should drive a logic 0 (MEA = 1, MSKA1 = 0,
CSA1 = 0, MSKA2 = 0, CSA2 = 0). PA5 drives either a logic 0 (MEA = 1,
MSKA3 = 0, CSA3 = 0) or logic 1 (MEA = 1, MSKA3 = 1, CSA3 = 0).
PA7 is configured as an output port (DDRA7 = 1). The software
moderates the PWM output pulse width based on speed feedback data
obtained from a tachometer or other such device. The tachometer
typically would drive an input capture, providing data to the MCU from
which velocity and acceleration information can be derived. The system
could be modified to provide positional data for servo applications. The
motor direction is determined by the current direction through it. Forward
rotation requires Q4 (PA7) and Q2 (PA3) enabled. Reverse rotation
requires Q3 (PA5) and Q1 (PA1) enabled.
The truth table shown in Table 10-4 defines the H-bridge drive
requirements for the motor from which the software would select based
upon other system inputs.
The MC68HC705MC4 can be configured to drive two motors using both
PWM channels.
Table 10-4. Brushed DC Motor Truth Table
Function
Q1
Q2
Q3
Q4
Forward
Off
PWM
Off
On
Reverse
PWM
Off
On
Off
Stop
Off
Off
Off
Off
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com