Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705MC4MP Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4MP
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4MP Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4MP Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68HC705MC4MP Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 180 page
background image
Serial Communications Interface
SCI Data Format
General Release Specification
Serial Communications Interface
11.4 SCI Data Format
The SCI uses the standard nonreturn-to-zero mark/space data format
illustrated in Figure 11-1.
Figure 11-1. SCI Data Format
11.5 SCI Operation
The SCI allows full-duplex, asynchronous, RS232 or RS422 serial
communication between the MCU and remote devices, including other
MCUs. The transmitter and receiver of the SCI operate independently,
although they use the same baud-rate generator. The following
paragraphs describe the operation of the SCI transmitter and receiver.
11.5.1 Transmitter
Figure 11-2 shows the structure of the SCI transmitter.
11.5.1.1 Character Length
The transmitter can accommodate either 8-bit or 9-bit data. The state of
the M bit in SCI control register 1 (SCCR1) determines character length.
When transmitting 9-bit data, bit T8 in SCCR1 is the ninth bit (bit 8).
11.5.1.2 Character Transmission
During transmission, the transmit shift register shifts a character out to
the PB4/TDO pin. At this time, the SCI data register (SCDR) is the
write-only buffer between the internal data bus and the transmit shift
register.
8-BIT DATA FORMAT
BIT M IN SCCR1 CLEAR
9-BIT DATA FORMAT
BIT M IN SCCR1 SET
START
BIT
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
STOP
BIT
NEXT
START
BIT
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
START
BIT
STOP
BIT
NEXT
START
BIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com